データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


MC68340 データシート(Datasheet) 93 Page - Freescale Semiconductor, Inc

部品番号. MC68340
部品情報  Integrated Processor with DMA User’s Manual
ダウンロード  441 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo 

 93 page
background image
3- 44
MC68340 USER’S MANUAL
MOTOROLA
3.6.4 Bus Arbitration Control
The bus arbitration control unit in the MC68340 is implemented with a finite state machine.
As discussed previously, all asynchronous inputs to the MC68340 are internally
synchronized in a maximum of two cycles of the clock. As shown in Figure 3-25 input
signals labeled R and A are internally synchronized versions of
BR and BGACK
respectively. The
BG output is labeled G, and the internal high-impedance control signal is
labeled T. If T is true, the address, data, and control buses are placed in the high-
impedance state after the next rising edge following the negation of
AS and RMC. All
signals are shown in positive logic (active high) regardless of their true active voltage
level. The state machine shown in Figure 3-25 does not have a state 1 or state 4.
State changes occur on the next rising edge of the clock after the internal signal is valid.
The
BG signal transitions on the falling edge of the clock after a state is reached during
which G changes. The bus control signals (controlled by T) are driven by the MC68340
immediately following a state change, when bus mastership is returned to the MC68340.
State 0, in which G and T are both negated, is the state of the bus arbiter while the
MC68340 is bus master. R and A keep the arbiter in state 0 as long as they are both
negated.
The MC68340 does not allow arbitration of the external bus during the
RMC sequence.
For the duration of this sequence, the MC68340 ignores the
BR input. If mastership of the
bus is required during an
RMC operation, BERR must be used to abort the RMC sequence.
3.6.5 Show Cycles
The MC68340 can perform data transfers with its internal modules without using the
external bus, but, when debugging, it is desirable to have address and data information
appear on the external bus. These external bus cycles, called show cycles, are
distinguished by the fact that
AS is not asserted externally. DS is used to signal address
strobe timing in show cycles.
After reset, show cycles are disabled and must be enabled by writing to the SHEN bits in
the module configuration register (see 4.3.2.1 Module Configuration Register (MCR)).
When show cycles are disabled, the A31–A0, FCx, SIZx, and R/
W signals continue to
reflect internal bus activity. However,
AS and DS are not asserted externally, and the
external data bus remains in a high-impedance state. When show cycles are enabled,
DS
indicates address strobe timing and the external data bus contains data. The following
paragraphs are a state-by-state description of show cycles, and Figure 3-26 illustrates a
show cycle timing diagram. Refer to Section 11 Electrical Characteristics for specific
timing information.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
ADA4412-3Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices
LMX2531LQ1500EHigh Performance Frequency Synthesizer System with Integrated VCO 1 2 3 4 5 MoreNational Semiconductor (TI)
MSP34X1GMultistandard Sound Processor Family with Virtual Dolby Surround 1 2 3 4 5 MoreMicronas
ADN2804622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier 1 2 3 4 5 MoreAnalog Devices
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
ADE7768Energy Metering IC with Integrated Oscillator and Positive Power Accumulation 1 2 3 4 5 MoreAnalog Devices
CS5302Two−Phase Buck Controller with Integrated Gate Drivers and 4−Bit DAC 1 2 3 4 5 MoreON Semiconductor
CS5303Three−Phase Buck Controller with Integrated Gate Drivers 1 2 3 4 5 MoreON Semiconductor
CS5308Two−Phase PWM Controller with Integrated Gate Drivers for VRM 8.5 1 2 3 4 5 MoreON Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl