データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


MC68340 データシート(Datasheet) 96 Page - Freescale Semiconductor, Inc

部品番号. MC68340
部品情報  Integrated Processor with DMA User’s Manual
ダウンロード  441 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo 

 96 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 47
3. INTRST (internal reset) goes to all other internal circuits.
Synchronous reset sources are not asserted until the end of the current bus cycle,
whether or not
RMC is asserted. The internal bus monitor is automatically enabled for
synchronous resets; therefore, if the current bus cycle does not terminate normally, the
bus monitor terminates it. Only single-byte or word transfers are guaranteed valid for
synchronous resets. An external or clock reset is a synchronous reset source.
Asynchronous reset sources indicate a catastrophic failure, and the reset controller logic
immediately resets the system. Resetting the MC68340 causes any bus cycle in progress
to terminate as if
DSACK
≈ or BERR had been asserted. In addition, the MC68340
appropriately initializes registers for a reset exception. Asynchronous reset sources
include power-up, software watchdog, double bus fault resets, and execution of the
RESET instruction.
If an external device drives
RESET low, RESET should be asserted for at least 590 clock
periods to ensure that the MC68340 resets. The reset control logic holds reset asserted
internally until the external
RESET is released. When the reset control logic detects that
external
RESET is no longer being driven, it drives both internal and external reset low for
an additional 512 cycles to guarantee this length of reset to the entire system. Figure 3-27
shows the
RESET timing.
RESET
1 CLOCK
590 CLOCK
512 CLOCK
PULLED EXTERNAL
DRIVEN BY MC68340
Figure 3-27. Timing for External Devices Driving
RESET
If reset is asserted from any other source, the reset control logic asserts
RESET for 328
input clock periods plus 512 output clock periods, and until the source of reset is negated.
After any internal reset occurs, a 14-cycle rise time is allowed before testing for the
presence of an external reset. If no external reset is detected, the CPU32 begins its vector
fetch.
Figure 3-28 is a timing diagram of the power-up reset operation, showing the relationships
between
RESET, VCC, and bus signals. During the reset period, the entire bus three-
states except for non-three-statable signals, which are driven to their inactive state. Once
RESET negates, all control signals are driven to their inactive state, the data bus is in read
mode, and the address bus is driven. After this, the first bus cycle for
RESET exception
processing begins.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
ADA4412-3Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices
LMX2531LQ1500EHigh Performance Frequency Synthesizer System with Integrated VCO 1 2 3 4 5 MoreNational Semiconductor (TI)
MSP34X1GMultistandard Sound Processor Family with Virtual Dolby Surround 1 2 3 4 5 MoreMicronas
ADN2804622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier 1 2 3 4 5 MoreAnalog Devices
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
ADE7768Energy Metering IC with Integrated Oscillator and Positive Power Accumulation 1 2 3 4 5 MoreAnalog Devices
CS5302Two−Phase Buck Controller with Integrated Gate Drivers and 4−Bit DAC 1 2 3 4 5 MoreON Semiconductor
CS5303Three−Phase Buck Controller with Integrated Gate Drivers 1 2 3 4 5 MoreON Semiconductor
CS5308Two−Phase PWM Controller with Integrated Gate Drivers for VRM 8.5 1 2 3 4 5 MoreON Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl