データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1981BLJST-REEL データシート(PDF) 9 Page - Analog Devices

部品番号 AD1981BLJST-REEL
部品情報  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJST-REEL データシート(HTML) 9 Page - Analog Devices

Back Button AD1981BLJST-REEL Datasheet HTML 5Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 6Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 7Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 8Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 9Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 10Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 11Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 12Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD1981BL
Rev. A | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
Power Supplies
Digital (DVDD)
−0.3 V to +3.6 V
Analog (AVDD)
−0.3 V to +6.0 V
Input Current (Except Supply Pins)
±10 mA
Signals Pins
Digital Input Voltage
−0.3 V to DVDD + 0.3 V
Analog Input Voltage
−0.3 V to AVDD + 0.3 V
Ambient Temperature Range
(Operating)
0°C to 70°C
Stresses greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating (LQFP Package)
TCASE = Case Temperature in °C
PD = Power Dissipation in W
θJA Thermal Resistance (Junction to Ambient)
θJC Thermal Resistance (Junction to Case)
Table 6. Thermal Resistance
Package
θJA
θJC
LQFP
50.1°C/W
17.8°C/W
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degrada-
tion or loss of functionality.


同様の部品番号 - AD1981BLJST-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1981BLJST-REEL AD-AD1981BLJST-REEL Datasheet
333Kb / 28P
   AC ??7 SoundMAX짰 Codec
REV. 0
More results

同様の説明 - AD1981BLJST-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com