データシートサーチシステム |
|
ADR444ARMZ-REEL7 データシート(PDF) 5 Page - Analog Devices |
|
ADR444ARMZ-REEL7 データシート(HTML) 5 Page - Analog Devices |
5 / 20 page ADR440/ADR441/ADR443/ADR444/ADR445 Rev. A | Page 5 of 20 ADR443 ELECTRICAL CHARACTERISTICS VIN = 3.5 V to 18 V, TA = 25°C, CIN = COUT = 0.1 μF, unless otherwise noted. Table 4. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VO A Grade 2.996 3.000 3.004 V B Grade 2.9988 3.000 3.0012 V INITIAL ACCURACY VOERR A Grade 4 mV 0.13 % B Grade 1.2 mV 0.04 % TEMPERATURE DRIFT TCVO A Grade −40°C < TA < +125°C 2 10 ppm/°C B Grade −40°C < TA < +125°C 1 3 ppm/°C LINE REGULATION ΔVO/ΔVIN −40°C < TA < +125°C 10 20 ppm/V LOAD REGULATION ΔVO/ΔILOAD ILOAD = 0 mA to 10 mA, VIN = 5 V, −40°C < TA < +125°C −50 +50 ppm/mA ΔVO/ΔILOAD ILOAD = 0 mA to −5 mA, VIN = 5 V, −40°C < TA < +125°C −50 +50 ppm/mA QUIESCENT CURRENT IIN No load, −40°C < TA < +125°C 3 3.75 mA VOLTAGE NOISE eN p-p 0.1 Hz to 10 Hz 1.4 μV p-p VOLTAGE NOISE DENSITY eN 1 kHz 57.6 nV/√Hz TURN-ON SETTLING TIME tR 10 μs LONG-TERM STABILITY1 VO 1000 hours 50 ppm OUTPUT VOLTAGE HYSTERESIS VO_HYS 70 ppm RIPPLE REJECTION RATIO RRR fIN = 10 kHz −75 dB SHORT CIRCUIT TO GND ISC 27 mA SUPPLY VOLTAGE OPERATING RANGE VIN 3.5 18 V SUPPLY VOLTAGE HEADROOM VIN − VO 500 mV 1 The long-term stability specification is noncumulative. The drift in the subsequent 1000-hour period is significantly lower than in the first 1000-hour period. |
同様の部品番号 - ADR444ARMZ-REEL7 |
|
同様の説明 - ADR444ARMZ-REEL7 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |