データシートサーチシステム |
|
ADR444BRZ データシート(PDF) 8 Page - Analog Devices |
|
ADR444BRZ データシート(HTML) 8 Page - Analog Devices |
8 / 20 page ADR440/ADR441/ADR443/ADR444/ADR445 Rev. A | Page 8 of 20 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 7. Parameter Rating Supply Voltage 20 V Output Short-Circuit Duration to GND Indefinite Storage Temperature Range −65°C to +125°C Operating Temperature Range −40°C to +125°C Junction Temperature Range −65°C to +150°C Lead Temperature, Soldering (60 sec) 300°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 8. Thermal Resistance Package Type θJA θJC Unit 8-Lead SOIC_N (R-Suffix) 130 43 °C/W 8-Lead MSOP (RM-Suffix) 190 °C/W ESD CAUTION |
同様の部品番号 - ADR444BRZ |
|
同様の説明 - ADR444BRZ |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |