データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


ADT7488A データシート(Datasheet) 5 Page - Analog Devices

部品番号. ADT7488A
部品情報  SST Digital Temperature Sensor and Voltage Monitor
ダウンロード  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo 

 
 5 page
background image
ADT7488A
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (VCC)
4 V
Voltage on 2.5V and VCCP Pins
3.6 V
Voltage on Any Other Pin (Including SST Pin)
−0.3 V to +3.6 V
Input Current at Any Pin
±5 mA
Package Input Current
±20 mA
Maximum Junction Temperature (TJ max)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature, Soldering
IR Peak Reflow Temperature
260°C
Lead Temperature (10 sec)
300°C
ESD Rating
1500 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
10-Lead MSOP
206
44
°C/W
ESD CAUTION




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
ADT7462Flexible Temperature and Voltage Monitor and System Fan Controller 1 2 3 4 5 MoreAnalog Devices
ADM1192Digital Power Monitor with Clear Pin and ALERT Output 1 2 3 4 5 MoreAnalog Devices
ADT75+-1°C Accurate 12-Bit Digital Temperature Sensor 1 2 3 4 5 MoreAnalog Devices
ADT7408+-2 C Accurate 12-Bit Digital Temperature Sensor 1 2 3 4 5 MoreAnalog Devices
ADT7476AdBCool Remote Thermal Controller and Voltage Monitor 1 2 3 4 5 MoreAnalog Devices
ADT7483ADual Channel Temperature Sensor and Over Temperature Alarm 1 2 3 4 5 MoreAnalog Devices
TC7MA157FKLow Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
ZL5006216K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ADR440Ultralow Noise LDO XFET Voltage References with Current Sink and Source 1 2 3 4 5 MoreAnalog Devices
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl