データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1938YSTZRL データシート(PDF) 4 Page - Analog Devices

部品番号 AD1938YSTZRL
部品情報  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1938YSTZRL データシート(HTML) 4 Page - Analog Devices

  AD1938YSTZRL Datasheet HTML 1Page - Analog Devices AD1938YSTZRL Datasheet HTML 2Page - Analog Devices AD1938YSTZRL Datasheet HTML 3Page - Analog Devices AD1938YSTZRL Datasheet HTML 4Page - Analog Devices AD1938YSTZRL Datasheet HTML 5Page - Analog Devices AD1938YSTZRL Datasheet HTML 6Page - Analog Devices AD1938YSTZRL Datasheet HTML 7Page - Analog Devices AD1938YSTZRL Datasheet HTML 8Page - Analog Devices AD1938YSTZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD1938
Rev. 0 | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
Interchannel Phase Deviation
0
Degrees
Volume Control Step
0.375
dB
Volume Control Range
95
dB
De-emphasis Gain Error
±0.6
dB
Output Resistance at Each Pin
100
Ω
REFERENCE
Internal Reference Voltage
FILTR pin
1.50
V
External Reference Voltage
FILTR pin
1.32
1.50
1.68
V
Common-Mode Reference Output
CM pin
1.50
V
Specifications measured at 130°C (case).
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC Resolution
All ADCs
24
Bits
Dynamic Range
20 Hz to 20 kHz, −60 dB input
No Filter (RMS)
95
102
dB
With A-Weighted Filter (RMS)
97
105
dB
Total Harmonic Distortion + Noise
−1 dBFS
−96
−87
dB
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.25
+0.25
dB
Offset Error
−10
0
+10
mV
DIGITAL-TO-ANALOG CONVERTERS
Dynamic Range
20 Hz to 20 kHz, −60 dB input
No Filter (RMS)
98
104
dB
With A-Weighted Filter (RMS)
100
106
dB
With A-Weighted Filter (Average)
108
dB
Total Harmonic Distortion + Noise
0 dBFS
Single-Ended Version
Two channels running
−92
dB
Single-Ended Version
Eight channels running
−86
−70
dB
Full-Scale Output Voltage
0.8775 (2.482)
V rms (V p-p)
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.2
+0.2
dB
Offset Error
−16
−4
16
mV
Gain Drift
−30
30
ppm/°C
REFERENCE
Internal Reference Voltage
FILTR pin
1.50
V
External Reference Voltage
FILTR pin
1.32
1.50
1.68
V
Common-Mode Reference Output
CM pin
1.50
V
CRYSTAL OSCILLATOR SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
TRANSCONDUCTANCE
3.5
mmhos


同様の部品番号 - AD1938YSTZRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1938YSTZRL AD-AD1938YSTZRL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938YSTZRL AD-AD1938YSTZRL Datasheet
547Kb / 33P
   4 ADC/8 DAC with PLL
More results

同様の説明 - AD1938YSTZRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com