データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1938XSTZRL データシート(PDF) 10 Page - Analog Devices

部品番号 AD1938XSTZRL
部品情報  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1938XSTZRL データシート(HTML) 10 Page - Analog Devices

Back Button AD1938XSTZRL Datasheet HTML 6Page - Analog Devices AD1938XSTZRL Datasheet HTML 7Page - Analog Devices AD1938XSTZRL Datasheet HTML 8Page - Analog Devices AD1938XSTZRL Datasheet HTML 9Page - Analog Devices AD1938XSTZRL Datasheet HTML 10Page - Analog Devices AD1938XSTZRL Datasheet HTML 11Page - Analog Devices AD1938XSTZRL Datasheet HTML 12Page - Analog Devices AD1938XSTZRL Datasheet HTML 13Page - Analog Devices AD1938XSTZRL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AD1935/AD1936/AD1937/AD1938/AD1939
Preliminary Technical Data
Rev. Pr
I | Page 10 of 30
oscillator generate the master clock. In addition, it is especially
important that the clock signal should not be passed through an
FPGA, CPLD, or other large digital chip (such as a DSP) before
being applied to the AD193X. In most cases, this will induce clock
jitter due to the sharing of common power and ground connections
with other unrelated digital output signals. When the PLL is used,
jitter in the reference clock will be attenuated above a certain
frequency depending on the loop filter.
Reset and Power-Down
Reset will set all the control registers to their default settings. To
avoid pops, reset does not power down the analog outputs. After
reset is de-asserted, an initialization routine will run inside the
AD193X. This initialization lasts for approximately XX MCLKs.
The power-down bits in the PLL and Clock Control 0, DAC
Control 1, and ADC Control 1 registers will power down the
respective sections. All other register settings are retained.
Serial Control Port
The AD193X has an SPI or I2C compatible control port that
permits programming and reading back the internal control
registers for the ADCs, DACs, and clock system. There is also a
stand-alone mode available for operation without serial control,
configured at reset using the serial control pins. All registers are set
to default except Internal MCLK Enable is set to 1 and ADC BCLK
and LRCLK Master/Slave is set by COUT/SDA. Refer to Table 10
for details.
ADC
Clocks:
CIN/ADR0
COUT/SDA
CCLK/SCL
CLATCH/ADR1
Slave
0
0
0
0
Master
0
1
0
0
Table 11. Stand-alone Mode Selection
The SPI control port of the AD1938 and AD1939 is a 4-wire serial
control port. The format is similar to the Motorola SPI format
except the input data-word is 24 bits wide. The serial bit clock and
latch may be completely asynchronous to the sample rate of the
ADCs and DACs. Figure 10 shows the format of the SPI signal. The
first byte is a global address with a read/write bit. For the AD193X
the address is 0x04, shifted left 1 bit due to the R/W bit. The
second byte is the AD193X register address and the third byte is the
data.
CLATCH
CCLK
CIN
COUT
D0
D8
D0
D15
D14
D9
D8
tCCH tCCL
D9
tCDS tCDH
tCLS
tCLH
tCOD
tCOTS
tCCP
tCOE
Figure 10. Format of SPI Signal
The I2C interface of the AD1936 and AD1937 is a two wire
interface consisting of a clock line, SCL and a data line, SDA. SDA is
bidirectional and the AD1936 and AD1937 will drive SDA either to
acknowledge the master, ACK, or to send data during a read
operation. The SDA pin for the I2C port is an open drain collector
and requires a 1KΩ pullup resistor. A write or read access occurs
when the SDA line is pulled low while the SCL line is high
indicated by START in the timing diagrams. SDA is only allowed to
change when SCL is low except when a START or STOP condition
occurs as shown in figures 3 and 4. The first eight bits of the access
consist of the device address and the R/W bit. The device address
consists of an internal built-in address (0x04) and two address pins,
AD1 and AD0. The two address pins allow up to four AD1936s and
AD1937s to be used in a system. Initiating a write operation to the
AD1936 and AD1937 involves sending a START condition and
then sending the device address with the R/W set low. The AD1936
and AD1937 will respond by issuing an ACK to indicate that it has
been addressed. The user then sends a second frame telling the
AD1936 and AD1937 which register is required to be written to.
Another ACK is issued by the AD1936 and AD1937. Finally the
user can send another frame with the 8 data bits required to be
written to the register. A third ACK is issued by the AD1936 and
AD1937 after which the user can send a STOP condition to
complete the data transfer.
A read operation requires that the user first write to the AD1936
and AD1937 to point to the correct register and then read the data.
This is achieved by sending a START condition followed by the
device address frame, with R/W low, and then the register address
frame. Following the ACK from the AD1936 and AD1937 the user
must issue a REPEATED START condition. This is identical to a
START condition. The next frame is the device address with R/W
set high. On the next frame the AD1936 and AD1937 will output
the register data on the SDA line. A STOP condition completes the
read operation. Figure 3 and Figure 4 show examples of writing to
and reading from the DAC 1 Left Volume Register (address = 0x06)


同様の部品番号 - AD1938XSTZRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ AD-AD1938WBSTZ Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938WBSTZ AD-AD1938WBSTZ Datasheet
547Kb / 33P
   4 ADC/8 DAC with PLL
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
547Kb / 33P
   4 ADC/8 DAC with PLL
More results

同様の説明 - AD1938XSTZRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com