データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5612YKSZ-1REEL7 データシート(PDF) 7 Page - Analog Devices

部品番号 AD5612YKSZ-1REEL7
部品情報  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5612YKSZ-1REEL7 データシート(HTML) 7 Page - Analog Devices

Back Button AD5612YKSZ-1REEL7 Datasheet HTML 3Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 4Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 5Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 6Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 7Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 9Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 10Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADDR 1
SCL 2
SDA 3
VOUT
6
GND
5
VDD
4
AD5602/
AD5612/
AD5622
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
ADDR
Three-State Address Input. Sets the two least significant bits (Bit A1, Bit A0) of the 7-bit slave address (see Table 6).
2
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into or out of the 16-bit input register.
3
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into or out of the 16-bit input register. It
is a bidirectional, open-drain data line that should be pulled to the supply with an external pull-up resistor.
4
VDD
Power Supply Input. These parts can be operated from 2.7 V to 5.5 V, and VDD should be decoupled to GND.
5
GND
Ground. The ground reference point for all circuitry on the part.
6
VOUT
Analog Output Voltage from the DAC. The output amplifier has rail-to-rail operation.


同様の部品番号 - AD5612YKSZ-1REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD561 AD-AD561 Datasheet
210Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
AD5611 AD-AD5611 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5611 AD-AD5611 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5611 AD-AD5611 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

同様の説明 - AD5612YKSZ-1REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com