データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5623R データシート(PDF) 3 Page - Analog Devices

部品番号 AD5623R
部品情報  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5623R データシート(HTML) 3 Page - Analog Devices

  AD5623R Datasheet HTML 1Page - Analog Devices AD5623R Datasheet HTML 2Page - Analog Devices AD5623R Datasheet HTML 3Page - Analog Devices AD5623R Datasheet HTML 4Page - Analog Devices AD5623R Datasheet HTML 5Page - Analog Devices AD5623R Datasheet HTML 6Page - Analog Devices AD5623R Datasheet HTML 7Page - Analog Devices AD5623R Datasheet HTML 8Page - Analog Devices AD5623R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD5623R/AD5643R/AD5663R
Rev. A | Page 3 of 28
SPECIFICATIONS
AD5623R-5/AD5643R-5/AD5663R-5
VDD = 4.5 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREFIN = VDD; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
B Grade1
Parameter
Min
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE2
AD5663R
Resolution
16
Bits
Relative Accuracy
±8
±16
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic by design
AD5643R
Resolution
14
Bits
Relative Accuracy
±2
±4
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic by design
AD5623R
Resolution
12
Bits
Relative Accuracy
±0.5
±1
LSB
Differential Nonlinearity
±0.25
LSB
Guaranteed monotonic by design
Zero-Scale Error
+2
+10
mV
All 0s loaded to DAC register
Offset Error
±1
±10
mV
Full-Scale Error
−0.1
±1
% of FSR
All 1s loaded to DAC register
Gain Error
±1.5
% of FSR
Zero-Scale Error Drift
±2
μV/°C
Gain Temperature Coefficient
±2.5
ppm
Of FSR/°C
DC Power Supply Rejection Ratio
−100
dB
DAC code = midscale ; VDD = 5 V ± 10%
DC Crosstalk (External Reference)
10
μV
Due to full-scale output change;
RL = 2 kΩ to GND or VDD
10
μV/mA
Due to load current change
5
μV
Due to powering down (per channel)
DC Crosstalk (Internal Reference)
25
μV
Due to full-scale output change;
RL = 2 kΩ to GND or VDD
20
μV/mA
Due to load current change
10
μV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
V
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL = 2 kΩ
DC Output Impedance
0.5
Ω
Short-Circuit Current
30
mA
VDD = 5 V
Power-Up Time
4
μs
Coming out of power-down mode; VDD = 5 V
REFERENCE INPUTS
Reference Current
170
200
μA
VREF = VDD = 5.5 V
Reference Input Range
0.75
VDD
V
Reference Input Impedance
26
REFERENCE OUTPUT
Output Voltage
2.495
2.505
V
At ambient
Reference Temperature Coefficient3
±5
±10
ppm/°C
MSOP package models
±10
ppm/°C
LFCSP package models
Output Impedance
7.5


同様の部品番号 - AD5623R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5623R AD-AD5623R Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
AD5623RACPZ-5REEL7 AD-AD5623RACPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RACPZ-5REEL7 AD-AD5623RACPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
More results

同様の説明 - AD5623R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5624R AD-AD5624R Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com