データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145003 データシート(PDF) 3 Page - Motorola, Inc

部品番号 MC145003
部品情報  128 SEGMENT LCD DRIVERS CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145003 データシート(HTML) 3 Page - Motorola, Inc

  MC145003 Datasheet HTML 1Page - Motorola, Inc MC145003 Datasheet HTML 2Page - Motorola, Inc MC145003 Datasheet HTML 3Page - Motorola, Inc MC145003 Datasheet HTML 4Page - Motorola, Inc MC145003 Datasheet HTML 5Page - Motorola, Inc MC145003 Datasheet HTML 6Page - Motorola, Inc MC145003 Datasheet HTML 7Page - Motorola, Inc MC145003 Datasheet HTML 8Page - Motorola, Inc MC145003 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC145003
• MC145004
3
MOTOROLA
ELECTRICAL CHARACTERISTICS (Continued)
Ch
i i
Sb l
VDD
VLCD
40
°C
25
°C
85
°C
Ui
Characteristic
Symbol
VDD
V
VLCD
V
Min
Max
Min
Max
Min
Max
Unit
Output Drive Current — Backplanes VO = 2.65 V
IBH*
IBL
5
5
2.8
2.8
– 290
– 290
– 240
– 240
– 240
– 240
µA
VO = 0.15 V
IBH
IBL
5
5
2.8
2.8
310
310
260
260
230
230
VO = 1.08V
IBH
IBL
5
5
2.8
2.8
90
1
40
2
55
1
VO = 1.72 V
IBH
IBL
5
5
2.8
2.8
–90
– 1.5
–40
–1
–60
–1
VO = 5.35 V
IBH
IBL
5
5
5.5
5.5
– 490
– 490
– 520
– 520
– 520
– 520
VO = 0.15 V
IBH
IBL
5
5
5.5
5.5
600
600
600
600
580
580
VO = 1.98 V
IBH
IBL
5
5
5.5
5.5
100
1.5
55
1
70
1
VO = 3.52 V
IBH
IBL
5
5
5.5
5.5
– 100
–1
–35
–1
–50
–1
Pulse Width, Data Clock
(Figure 1)
tw
5
3
50
100
ns
DCLK Rise/Fall Time
(Figure 1)
tr, tf
5
3
20
120
µs
Setup Time, Din to DCLK
(Figure 2)
tsu
5
3
0
0
ns
Hold Time, Din to DCLK
(Figure 2)
th
5
3
30
60
ns
DCLK Low to ENB High
(Figure 3)
th
5
3
10
20
ns
ENB High to DCLK High
(Figure 3)
trec
5
3
10
20
ns
ENB High Pulse Width
(Figure 3)
tw
5
3
50
100
ns
ENB Low to DCLK High
(Figure 3)
tsu
5
3
10
20
ns
NOTE: Timing for Figures 1, 2, and 3 are design estimates only.
* For a time (t = 4/OSC FREQ.) after the backplane waveform changes to a new voltage level, the circuit is maintained in the high–current state
to allow the load capacitances to charge quickly. The circuit is then returned to the low–current state until the next voltage change.
SWITCHING WAVEFORMS
VDD
GND
CLK
90%
50%
10%
tw
tw
tf
tr
Figure 1.
Din
CLK
50%
VALID
50%
tsu
th
VDD
GND
VDD
GND
Figure 2.
tsu
th
trec
tw
tw
VDD
GND
VDD
GND
CLK
ENB
FIRST
CLK
LAST
CLK
Figure 3.
50%
50%


同様の部品番号 - MC145003

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145000 MOTOROLA-MC145000 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145001 MOTOROLA-MC145001 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC14500B MOTOROLA-MC14500B Datasheet
259Kb / 8P
   Industrial Control Unit
MC14500B MOTOROLA-MC14500B Datasheet
4Mb / 113P
   Industrial Control Unit
1977
MC14500B MOTOROLA-MC14500B_V01 Datasheet
4Mb / 113P
   Industrial Control Unit
1977
More results

同様の説明 - MC145003

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
Rohm
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
logo
Rohm
BU91530KVT-M ROHM-BU91530KVT-M Datasheet
3Mb / 60P
   Multi-function LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com