データシートサーチシステム |
|
74ALVCHT16835DGV データシート(PDF) 7 Page - NXP Semiconductors |
|
74ALVCHT16835DGV データシート(HTML) 7 Page - NXP Semiconductors |
7 / 12 page Philips Semiconductors Product data 74ALVCHT16835 18-bit registered driver (3-State) 2002 Jun 05 7 AC CHARACTERISTICS FOR VCC = 2.3 V TO 2.7 V RANGE GND = 0 V; tr = tf ≤ 2.0 ns; CL = 30 pF LIMITS SYMBOL PARAMETER WAVEFORM VCC = 2.3 to 2.7 V UNIT MIN TYP1 MAX Propagation delay An to Yn 1, 7 1.3 3.0 4.7 tPHL/tPLH Propagation delay LE to Yn 2, 7 1.4 3.6 5.7 ns Propagation delay CP to Yn 4, 7 1.2 3.0 4.7 tPZH/tPZL 3-State output enable time OE to Yn 6, 7 1.4 3.7 5.3 ns tPHZ/tPLZ 3-State output disable time OE to Yn 6, 7 1.0 2.5 3.7 ns t CP pulse width HIGH or LOW 4, 7 3.3 — — ns tW LE pulse width HIGH 2, 7 3.3 — — ns tS Set-up time An to CP 5, 7 0.1 — — ns tSU Set-up time An to LE 3, 7 0.7 — — ns t Hold time An to CP 5, 7 0.4 — — ns th Hold time An to LE 3, 7 0.1 — — ns tsk Output skew — — 0.5 ns fmax Maximum clock pulse frequency 4, 7 150 — — MHz NOTE: 1. All typical values are at VCC = 2.5 V and Tamb = 25 °C. 2. Output skew is not production tested AC CHARACTERISTICS FOR VCC = 3.0 V TO 3.6 V RANGE AND VCC = 2.7 V GND = 0 V; tr = tf ≤ 2.5 ns; CL = 50 pF LIMITS LIMITS SYMBOL PARAMETER WAVEFORM VCC = 3.3 ± 0.3 V VCC = 2.7 V UNIT MIN TYP1, 2 MAX MIN TYP1 MAX Propagation delay An to Yn 1, 7 1.2 2.3 3.6 1.3 2.7 3.8 tPHL/tPLH Propagation delay LE to Yn 2, 7 1.3 2.7 4.2 1.4 3.0 4.9 ns Propagation delay CP to Yn 4, 7 1.0 2.2 3.7 1.2 2.3 3.7 tPZH/tPZL 3-State output enable time OE to Yn 6, 7 1.0 2.3 3.8 1.4 2.4 4.2 ns tPHZ/tPLZ 3-State output disable time OE to Yn 6, 7 1.0 2.5 3.7 1.0 2.5 3.7 ns t CP pulse width HIGH or LOW 4, 7 2.0 — — 2.0 — — ns tW LE pulse width HIGH 2, 7 2.0 — — 2.0 — — ns tS Set-up time An to CP 5, 7 0.1 — — 0 — — ns tSU Set-up time An to LE 3, 7 0.5 — — 0 — — ns t Hold time An to CP 5, 7 0.4 — — 0.5 0.3 — ns th Hold time An to LE 3, 7 0.1 — — 0.25 0.4 — ns tsk Output skew3 — — — — — 0.5 ns fmax Maximum clock pulse frequency 4, 7 150 — — 150 — — MHz NOTES: 1. All typical values are measured Tamb = 25 °C. 2. Typical value is measured at VCC = 3.3 V 3. Output skew is not production tested |
同様の部品番号 - 74ALVCHT16835DGV |
|
同様の説明 - 74ALVCHT16835DGV |