データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMI16/1 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 KMI16/1
部品情報  Integrated rotational speed sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI16/1 データシート(HTML) 7 Page - NXP Semiconductors

Back Button KMI16/1 Datasheet HTML 3Page - NXP Semiconductors KMI16/1 Datasheet HTML 4Page - NXP Semiconductors KMI16/1 Datasheet HTML 5Page - NXP Semiconductors KMI16/1 Datasheet HTML 6Page - NXP Semiconductors KMI16/1 Datasheet HTML 7Page - NXP Semiconductors KMI16/1 Datasheet HTML 8Page - NXP Semiconductors KMI16/1 Datasheet HTML 9Page - NXP Semiconductors KMI16/1 Datasheet HTML 10Page - NXP Semiconductors KMI16/1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2000 Sep 05
7
Philips Semiconductors
Product specification
Integrated rotational speed sensor
KMI16/1
handbook, halfpage
1
2
4
3
01
2
3
4
0
d
(mm)
MRA998
d
y (mm)
y
Fig.7 Sensing distance as a function of positional
tolerance in the y-axis; typical values.
VCC =12V; ft = 2 kHz; module = 2 mm; pitch diameter = 100 mm.
handbook, halfpage
1
2
4
3
01
0
d
(mm)
MRA999
d
Θ
23
4
Θ (deg)
Fig.8
Sensing distance as a function of positional
tolerance; typical values.
VCC = 12 V; ft = 2 kHz; module = 2 mm.
handbook, halfpage
MRA982
x (mm)
1
2
4
3
0
x
d
10 mm
d
(mm)
02
4
6
−2
−4
−6
Fig.9
Sensing distance as a function of positional
tolerance in the x-axis; typical values.
VCC = 12 V; ft = 2 kHz; module = 2 mm.
handbook, halfpage
1
2
4
3
−50
0
50
100
150
200
0
Tamb (
oC)
d
(mm)
MRA962
d
Fig.10 Sensing distance as a function of ambient
temperature; typical values.
VCC = 12 V; ft = 2 kHz; module = 2 mm.


同様の部品番号 - KMI16/1

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
KMI16/1 NXP-KMI16/1 Datasheet
109Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
More results

同様の説明 - KMI16/1

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
KMI15-1 PHILIPS-KMI15-1 Datasheet
160Kb / 16P
   Integrated rotational speed sensor
1996 Dec 05
logo
List of Unclassifed Man...
KMI16-1-115 ETC2-KMI16-1-115 Datasheet
110Kb / 12P
   Integrated rotational speed sensor
logo
NXP Semiconductors
KMI16 NXP-KMI16 Datasheet
109Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
KMI15 PHILIPS-KMI15 Datasheet
116Kb / 16P
   Rotational speed sensor
2000 Sep 05
KMI17 NXP-KMI17 Datasheet
228Kb / 16P
   Rotational speed sensor
Rev. 1-1 September 2014
logo
MultiDimension Technolo...
FSD-TMR1005 MULTIDIMENSION-FSD-TMR1005 Datasheet
415Kb / 4P
   Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI23 NXP-KMI23_2 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
KMI23 NXP-KMI23 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
logo
MultiDimension Technolo...
FSD-TMR1006 MULTIDIMENSION-FSD-TMR1006 Datasheet
418Kb / 4P
   Temperature Detection Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI25 NXP-KMI25_2 Datasheet
352Kb / 26P
   High performance rotational speed sensor
Rev. 1-29 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com