データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P89LPC9408 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 P89LPC9408
部品情報  8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9408 データシート(HTML) 1 Page - NXP Semiconductors

  P89LPC9408 Datasheet HTML 1Page - NXP Semiconductors P89LPC9408 Datasheet HTML 2Page - NXP Semiconductors P89LPC9408 Datasheet HTML 3Page - NXP Semiconductors P89LPC9408 Datasheet HTML 4Page - NXP Semiconductors P89LPC9408 Datasheet HTML 5Page - NXP Semiconductors P89LPC9408 Datasheet HTML 6Page - NXP Semiconductors P89LPC9408 Datasheet HTML 7Page - NXP Semiconductors P89LPC9408 Datasheet HTML 8Page - NXP Semiconductors P89LPC9408 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
1.
General description
The P89LPC9408 is a multi-chip module consisting of a P89LPC938 single-chip
microcontroller combined with a PCF8576D universal LCD controller in a low-cost 64-pin
package. The LCD controller provides 32 segments and supports from 1 to 4 backplanes.
Display overhead is minimized by an on-chip display RAM with auto-increment
addressing.
2.
Features
2.1 Principal features
s 8 kB byte-erasable flash code memory organized into 1 kB sectors and 64-byte pages.
Single-byte erasing allows any byte(s) to be used as non-volatile data storage.
s 256-byte RAM data memory.
s 512-byte customer Data EEPROM on chip allows serialization of devices, storage of
set-up parameters, etc.
s 32 segment
× 4 backplane LCD controller supports from 1 to 4 backplanes.
s 8-input multiplexed 10-bit ADC. Two analog comparators with selectable inputs and
reference source.
s Two 16-bit counter/timers (each may be configured to toggle a port output upon timer
overflow or to become a PWM output) and a 23-bit system timer that can also be used
as a Real-Time Clock (RTC).
s Enhanced UART with fractional baud rate generator, break detect, framing error
detection, and automatic address detection; 400 kHz byte-wide I2C-bus
communication port and SPI communication port.
s CCU provides PWM, input capture, and output compare functions.
s High-accuracy internal RC oscillator option allows operation without external oscillator
components. The RC oscillator option is selectable and fine tunable.
s 64-pin LQFP package with 20 microcontroller I/O pins minimum and up to 23
microcontroller I/O pins while using on-chip oscillator and reset options.
2.2 Additional features
s 2.4 V to 3.6 V VDD operating range. I/O pins are 5 V tolerant (may be pulled up or
driven to 5.5 V).
s Serial flash In-Circuit Programming (ICP) allows simple production coding with
commercial EPROM programmers. Flash security bits prevent reading of sensitive
application programs.
P89LPC9408
8-bit microcontroller with two-clock 80C51 core 8 kB 3 V
byte-erasable flash, 32 segment
× 4 LCD driver, 10-bit ADC
Rev. 01 — 16 December 2005
Product data sheet


同様の部品番号 - P89LPC9408

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
P89LPC9401 PHILIPS-P89LPC9401 Datasheet
283Kb / 59P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver
Rev. 01-5 September 2005
P89LPC9401FBD PHILIPS-P89LPC9401FBD Datasheet
283Kb / 59P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver
Rev. 01-5 September 2005
P89LPC9402 NXP-P89LPC9402 Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
P89LPC9402FBD NXP-P89LPC9402FBD Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
More results

同様の説明 - P89LPC9408

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
P89LPC9401 PHILIPS-P89LPC9401 Datasheet
283Kb / 59P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver
Rev. 01-5 September 2005
P89LPC9402 NXP-P89LPC9402 Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
P89LPC952 PHILIPS-P89LPC952 Datasheet
307Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 01-16 September 2005
P89LPC9351 NXP-P89LPC9351 Datasheet
341Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-19 November 2008
P89LPC9381 PHILIPS-P89LPC9381 Datasheet
285Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 01-8 September 2006
P89LPC952 NXP-P89LPC952 Datasheet
339Kb / 69P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 04-24 July 2008
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC92X1 NXP-P89LPC92X1 Datasheet
1Mb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC9151 NXP-P89LPC9151 Datasheet
1Mb / 91P
   8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com