データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


P89LPC9408 データシート(Datasheet) 3 Page - NXP Semiconductors

部品番号. P89LPC9408
部品情報  8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
ダウンロード  69 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 
 3 page
background image
P89LPC9408_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 16 December 2005
3 of 69
Philips Semiconductors
P89LPC9408
8-bit two-clock 80C51 core with 32 segment
× 4 LCD driver, 10-bit ADC
3.
Ordering information
3.1 Ordering options
4.
Block diagram
Table 1:
Ordering information
Type number
Package
Name
Description
Version
P89LPC9408FBD
LQFP64
plastic low profile quad flat package; 64 leads;
body 14
× 14 × 1.4 mm
SOT791-1
Table 2:
Part options
Type number
Flash memory
Temperature range
Frequency
P89LPC9408FBD
8 kB
−40 °Cto+85 °C
0 MHz to 18 MHz
Fig 1.
Block diagram
A[2:0] SA0
SCL, SDA
SCL_LCD, SDA_LCD
OSC
VLCD
P89LPC938
MCU
PCF8576D
LCD
CONTROLLER
P3[1:0]
P2.5, P2[3:0]
P1[7:0]
P0[7:0]
S[31:0]
BP[3:0]
002aab775




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
P89LPC94018-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver 1 2 3 4 5 MoreNXP Semiconductors
P87LPC778CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM 8 kB OTP 1 2 3 4 5 MoreNXP Semiconductors
LPC2378Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP Ethernet USB 2.0 CAN and 10-bit ADC/DAC 1 2 3 4 5 MoreNXP Semiconductors
ADE7169F16Single-Phase Energy Measurement IC with 8052 MCU RTC and LCD driver 1 2 3 4 5 MoreAnalog Devices
74AHC5948-bit shift register with output register 1 2 3 4 5 MoreNXP Semiconductors
ADP3118Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ADP3120ADual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
PI5C3286110-Bit 2-Port Bus Switch with 25ohm Series Resistor 1 2 3 Pericom Semiconductor Corporation
74ALVC162835A18-bit registered driver with 30ohm termination resistors 3-State 1 2 3 4 5 MoreNXP Semiconductors
MP8830Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References 1 2 3 4 5 MoreExar Corporation

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl