データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC141627 データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC141627
部品情報  ADVANCED PAL COMB FILTER-II(APCF-II)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141627 データシート(HTML) 4 Page - Motorola, Inc

  MC141627 Datasheet HTML 1Page - Motorola, Inc MC141627 Datasheet HTML 2Page - Motorola, Inc MC141627 Datasheet HTML 3Page - Motorola, Inc MC141627 Datasheet HTML 4Page - Motorola, Inc MC141627 Datasheet HTML 5Page - Motorola, Inc MC141627 Datasheet HTML 6Page - Motorola, Inc MC141627 Datasheet HTML 7Page - Motorola, Inc MC141627 Datasheet HTML 8Page - Motorola, Inc MC141627 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC141627
MOTOROLA
4
ADC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TA = 25°C ± 3°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Resolution
8
Bits
Integral Nonlinearity
INL
± 1.0
± 1.5
LSB
Differential Nonlinearity
DNL
± 0.5
± 1.0
LSB
Top Reference Level
VTPS
2.4
2.5
2.6
V
Bottom Reference Level
VBTS
0.4
0.5
0.6
V
Maximum Analog Input Range During Self Reference
Vins
1.9
2.0
2.1
V p–p
DIGITAL ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TA = 25°C ± 3°C)
Characteristic
Symbol
Min
Typ
Max
Unit
High Level Input Voltage
MODE0, MODE1, TE0, TE1, BK,
VH, C0 – C7, D0 – D7
VIH
3.15
V
Low Level Input Voltage
MODE0, MODE1, TE0, TE1, BK, VH,
C0 – C7, D0 – D7
VIL
1.1
V
Input Leakage Current
MODE0, MODE1, TE0, TE1, BK, VH,
[Vin = VCC(D) or GND(D)]
C0 – C7, D0 – D7
Iinl
± 10
µA
Data Setup Time (at Digital Input Comb Filter Mode)
D0 – D7
tds
0
ns
Data Hold Time (at Digital Input Comb Filter Mode)
D0 – D7
tdh
20
ns
Data Input Rise Time (at Digital Input Comb Filter Mode)
D0 – D7
tr
10
ns
Data Input Fall Time (at Digital Input Comb Filter Mode)
D0 – D7
tf
10
ns
FILTERING CHARACTERISTICS (VCC = 5.0 V, TA = 25°C ± 3°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Y/C Separation
40
dB
Band–Pass Filter Bandwidth (at – 3 dB) [( ): NTSC]
± 0.90
(
± 0.75)
MHz
DAC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TA = 25°C ± 3°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Resolution
8
Bits
Integral Nonlinearity
INL
± 1
LSB
Differential Nonlinearity
DNL
± 0.5
LSB
Analog Output Voltage, Yout
VYO
1.1
1.2
1.3
V p–p
Analog Output Voltage, Cout
VCO
1.1
1.2
1.3
V p–p
Full Scale Voltage, Yout
VYFS
1.3
1.5
1.7
V
Full Scale Voltage, Cout
VCFS
1.3
1.5
1.7
V
Zero Scale Voltage, Yout
VYZS
0.1
0.3
0.5
V
Zero Scale Voltage, Cout
VCZS
0.1
0.3
0.5
V
Output Impedance
ZO
100
300


同様の部品番号 - MC141627

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC141620 MOTOROLA-MC141620 Datasheet
298Kb / 9P
   Enhanced Comb Filter CMOS
MC14162B MOTOROLA-MC14162B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BD MOTOROLA-MC14162BD Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BL MOTOROLA-MC14162BL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BP MOTOROLA-MC14162BP Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
More results

同様の説明 - MC141627

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
logo
Sony Corporation
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
Harris Corporation
RF-5800M-MP HARRIS-RF-5800M-MP Datasheet
3Mb / 2P
   FALCON II Advanced tactical radio system
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
EPCOS
B9477 EPCOS-B9477 Datasheet
103Kb / 8P
   SAW Filter PCS / WCDMA band II
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com