データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZUXB データシート(PDF) 2 Page - NXP Semiconductors

部品番号 PZUXB
部品情報  Single Zener diodes in a SOD323F package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZUXB データシート(HTML) 2 Page - NXP Semiconductors

  PZUXB Datasheet HTML 1Page - NXP Semiconductors PZUXB Datasheet HTML 2Page - NXP Semiconductors PZUXB Datasheet HTML 3Page - NXP Semiconductors PZUXB Datasheet HTML 4Page - NXP Semiconductors PZUXB Datasheet HTML 5Page - NXP Semiconductors PZUXB Datasheet HTML 6Page - NXP Semiconductors PZUXB Datasheet HTML 7Page - NXP Semiconductors PZUXB Datasheet HTML 8Page - NXP Semiconductors PZUXB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PZUXB_SER_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 7 March 2006
2 of 12
Philips Semiconductors
PZUxB series
Single Zener diodes in a SOD323F package
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
[1]
The series consists of 97 types with nominal working voltages from 2.4 V to 36 V.
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
sym068
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PZU2.4B to
PZU36B[1]
SC-90
plastic surface mounted package; 2 leads
SOD323F
Table 4.
Marking codes
Type number
Marking code
Type number
Marking code
B
B1
B2
B3
B
B1
B2
B3
PZU2.4
G3
-
-
-
PZU10
GJ
FH
HF
KB
PZU2.7
G4
F3
H1
-
PZU11
GK
FJ
HG
KC
PZU3.0
G5
F4
H2
-
PZU12
GL
FK
HH
KD
PZU3.3
G6
F5
H3
-
PZU13
GM
FL
HJ
KE
PZU3.6
G7
F6
H4
-
PZU14
-
-
HK
-
PZU3.9
G8
F7
H5
-
PZU15
GN
FM
HL
KF
PZU4.3
G9
F8
H6
HS
PZU16
GP
FN
HM
KG
PZU4.7
GA
F9
H7
HT
PZU18
GQ
FP
HN
KH
PZU5.1
GB
FA
H8
HU
PZU20
GR
FQ
HP
KJ
PZU5.6
GC
FB
H9
HV
PZU22
GS
FR
HQ
KK
PZU6.2
GD
FC
HA
HW
PZU24
GT
FS
HR
KL
PZU6.8
GE
FD
HB
HX
PZU27
GU
-
-
-
PZU7.5
GF
FE
HC
HY
PZU30
GV
-
-
-
PZU8.2
GG
FF
HD
HZ
PZU33
GW
-
-
-
PZU9.1
GH
FG
HE
KA
PZU36
GX
-
-
-


同様の部品番号 - PZUXB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZUXBA NXP-PZUXBA Datasheet
127Kb / 14P
   Single Zener diodes
Rev. 01-19 September 2008
logo
Nexperia B.V. All right...
PZUXBA-Q_SER NEXPERIA-PZUXBA-Q_SER Datasheet
281Kb / 12P
   Single Zener diodes
Rev. 1 - 10 August 2022
PZUXBA_SER NEXPERIA-PZUXBA_SER Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
logo
NXP Semiconductors
PZUXBL NXP-PZUXBL Datasheet
133Kb / 13P
   Single Zener diodes
Rev. 01-6 May 2008
logo
Nexperia B.V. All right...
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
More results

同様の説明 - PZUXB

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
PZU13B2-115 NXP-PZU13B2-115 Datasheet
450Kb / 12P
   Single Zener diodes in a SOD323F package Rev. 02 ??15 November 2009
Rev. 02-15 November 2009
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
logo
NXP Semiconductors
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com