データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


AD9927 データシート(Datasheet) 40 Page - Analog Devices

部品番号. AD9927
部品情報  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
ダウンロード  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo 

 40 page
background image
AD9927
Rev. 0 | Page 40 of 100
Special Pattern Insertion
Additional flexibility is available using the SPC_PAT_EN registers,
which allows a Group B, C, or D pattern to be inserted into a series
of Group A repetitions. This feature is useful when a different
pattern is needed at the start, middle, or end of a sequence.
Figure 47 shows an example of a sweep region using VPATA
with multiple repetitions where a single repetition of VPATB has
been added into the middle of the sequence. Figure 48 shows
more detail on how to set the registers to achieve the desired
timing.
Note that VREPB is used to specify which repetition number
has the special pattern inserted instead of VPATA. VPATB
always has priority over VPATC or VPATD if more than one
SPC_PAT_EN bit is enabled (SPC_PAT_EN [0] has priority).
VD
XV1 TO XVN
HD
REGION 1: SWEEP REGION
LINE 0
LINE 1
REGION 0
REGION 2
LINE 24
LINE 25
LINE 2
SCP1
SCP2
PATTERN B INSERTED DURING PATTERN A REPETITIONS
Figure 47. Example of Special Pattern Insertion
XV1
HD
V-PATTERN A
V-PATTERN B
V-PATTERN A
REP 1
REP 2
REP N
REP 5
REP 4
REP 3
REGISTER SETTINGS:
DESCRIPTION:
SPC_PAT_EN[0] = 1
V-PATTERN B IS USED AS SPECIAL PATTERN
VREPA = N
TOTAL NUMBER OF REPS USED FOR SEQUENCE (N REPS)
VREPB = 4
REP 4 USES V-PATTERN B INSTEAD OF V-PATTERN A
NOTES
1. VSTARTB MUST BE SET EQUAL TO VSTARTA.
Figure 48. Example of Special Pattern Insertion, Detail




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
ADE7768Energy Metering IC with Integrated Oscillator and Positive Power Accumulation 1 2 3 4 5 MoreAnalog Devices
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
AD1970Digital BTSC Encoder with Integrated ADC and DAC 1 2 3 4 5 MoreAnalog Devices
NTLJF3117PPower MOSFET and Schottky Diode −20 V −4.1 A P−Channel with 2.0 A Schottky Barrier Diode 2x2 mm uCool Package 1 2 3 4 5 MoreON Semiconductor
NB3N30013.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output 1 2 3 4 5 MoreON Semiconductor
NX25F011B1M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 1 2 3 4 5 MoreList of Unclassifed Manufacturers