データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


AD9927 データシート(Datasheet) 2 Page - Analog Devices

部品番号. AD9927
部品情報  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
ダウンロード  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo 

 
 2 page
background image
AD9927
Rev. 0 | Page 2 of 100
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Specifications..................................................................................... 3
Digital Specifications ................................................................... 4
Analog Specifications................................................................... 5
Timing Specifications .................................................................. 6
Vertical Driver Specifications ..................................................... 7
Absolute Maximum Ratings............................................................ 8
Package Thermal Characteristics ............................................... 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Terminology .................................................................................... 12
Typical Performance Characteristics ........................................... 13
Equivalent Circuits ......................................................................... 14
System Overview ............................................................................ 15
High Speed Precision Timing Core........................................... 16
Horizontal Clamping and Blanking......................................... 20
Horizontal Timing Sequence Example.................................... 26
Vertical Timing Generation ...................................................... 28
Vertical Sequences (VSEQ) ....................................................... 31
Internal Vertical Driver Connections...................................... 45
Vertical Timing Example........................................................... 53
Shutter Timing Control ............................................................. 55
Substrate Clock Operation (SUBCK) ...................................... 55
Field Counters............................................................................. 58
General-Purpose Outputs (GPOS) .......................................... 59
GP Look-Up Tables (LUT)........................................................ 63
Complete Exposure/Readout Operation
Using Primary Counter and GPO Signals .............................. 64
Manual Shutter Operation Using Enhanced SYNC Modes .... 66
Analog Front-End Description and Operation...................... 70
Power-Up Sequence for Master Mode..................................... 72
Standby Mode Operation .......................................................... 76
CLI Frequency Change.............................................................. 76
Circuit Layout Information........................................................... 78
Serial Interface Timing .............................................................. 82
Layout of Internal Registers ...................................................... 83
Updating New Register Values ................................................. 84
Complete Register Listing ............................................................. 85
Outline Dimensions ....................................................................... 99
Ordering Guide .......................................................................... 99
REVISION HISTORY
1/06—Revision 0: Initial Version




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
ADE7768Energy Metering IC with Integrated Oscillator and Positive Power Accumulation 1 2 3 4 5 MoreAnalog Devices
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
AD1970Digital BTSC Encoder with Integrated ADC and DAC 1 2 3 4 5 MoreAnalog Devices
NTLJF3117PPower MOSFET and Schottky Diode −20 V −4.1 A P−Channel with 2.0 A Schottky Barrier Diode 2x2 mm uCool Package 1 2 3 4 5 MoreON Semiconductor
NB3N30013.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output 1 2 3 4 5 MoreON Semiconductor
NX25F011B1M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 1 2 3 4 5 MoreList of Unclassifed Manufacturers