データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9942BBCZRL データシート(PDF) 11 Page - Analog Devices

部品番号 AD9942BBCZRL
部品情報  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZRL データシート(HTML) 11 Page - Analog Devices

Back Button AD9942BBCZRL Datasheet HTML 7Page - Analog Devices AD9942BBCZRL Datasheet HTML 8Page - Analog Devices AD9942BBCZRL Datasheet HTML 9Page - Analog Devices AD9942BBCZRL Datasheet HTML 10Page - Analog Devices AD9942BBCZRL Datasheet HTML 11Page - Analog Devices AD9942BBCZRL Datasheet HTML 12Page - Analog Devices AD9942BBCZRL Datasheet HTML 13Page - Analog Devices AD9942BBCZRL Datasheet HTML 14Page - Analog Devices AD9942BBCZRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9942
Rev. A | Page 11 of 36
TERMINOLOGY
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Therefore,
every code must have a finite width. No missing codes
guaranteed to 12-bit resolution indicates that all 4096 codes
must be present over all operating conditions.
Peak Nonlinearity
Peak nonlinearity, a full signal chain specification, refers to the
peak deviation of the output of the AD9942 from a true straight
line. The point used as zero scale occurs 0.5 LSB before the first
code transition. Positive full scale is defined as a level 1 LSB
and 0.5 LSB beyond the last code transition. The deviation is
measured from the middle of each particular output code to the
true straight line. The error is then expressed as a percentage
of the 2 V ADC full-scale signal. The input signal is always
appropriately gained up to fill the ADC’s full-scale range.
Total Output Noise
The rms output noise is measured using histogram techniques.
The standard deviation of the ADC output codes is calculated
in LSB and represents the rms noise level of the total signal
chain at the specified gain setting. The output noise can be
converted to an equivalent voltage, using the relationship
1 LSB = (ADC full scale/2n codes)
where n is the bit resolution of the ADC. For the AD9942,
1 LSB is approximately 122.0 μV.
Power Supply Rejection (PSR)
The PSR is measured with a step change applied to the supply
pins. The PSR specification is calculated from the change in the
data outputs for a given step change in the supply voltage.
Matching Error
The matching error refers to the Channel A to Channel B
mismatch after post-ADC correction calibration has been
applied to remove gain error between Channel A and
Channel B.
Crosstalk
The crosstalk is measured while applying a full-scale step to
one channel and measuring the interference on the opposite
channel.
⎟⎟
⎜⎜
×
=
384
,
16
)
(
log
20
)
dB
(
LSB
ce
Interferen
Crosstalk


同様の部品番号 - AD9942BBCZRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
More results

同様の説明 - AD9942BBCZRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9974 AD-AD9974 Datasheet
73Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
Rev. Sp0
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9973 AD-AD9973 Datasheet
68Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9978 AD-AD9978 Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com