データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC230WX3 データシート(PDF) 8 Page - LG Semicon Co.,Ltd.

部品番号 LC230WX3
部品情報  Liquid Crystal Display (23.0Inch WXGA TFT LCD)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LG [LG Semicon Co.,Ltd.]
ホームページ  
Logo LG - LG Semicon Co.,Ltd.

LC230WX3 データシート(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LC230WX3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Product Specification
8/ 28
LC230WX3
Liquid Crystal Display
Ver.1.0
Nov.22, 2005
Table 4. MODULE CONNECTOR(CN1) PIN CONFIGURATION
- LCD Connector(CN1) : FI-X30SSL-HF (Manufactured by JAE).
- Mating Connector : FI-X30C2L (Manufactured by JAE) or Equivalent
Note: 1. If the pin no. 9 is Ground, Interface format is “LG”, and if the pin no. 9 is Vcc(3.3V), Interface format
is “DISM”. See page 9 and 10.
2. If pin30 is 3.3V, no-signal is AGP pattern, and if pin30 is ground, no-signal is Black pattern
3. All GND (ground) pins should be connected together, which should be also connected to the LCD
module’s metal frame.
4. All VLCD (power input) pins should be connected together.
5. Input Levels of LVDS signals are based on the IEA 664 Standard.
Pin No.
Symbol
Description
Note
2
VLCD
Power Supply +12.0V
11
GND
Ground
12
RA-
LVDS Receiver Signal(-)
13
RA+
LVDS Receiver Signal(+)
14
GND
Ground
15
RB-
LVDS Receiver Signal(-)
21
RCLK-
LVDS Receiver Clock Signal(-)
22
RCLK+
LVDS Receiver Clock Signal(+)
23
GND
Ground
24
RD-
LVDS Receiver Signal(-)
25
RD+
LVDS Receiver Signal(+)
28
NC
NC
29
GND
Ground
30
NC(GND)
LCD test
2
3
VLCD
Power Supply +12.0V
4
VLCD
Power Supply +12.0V
5
GND
Ground
6
GND
Ground
7
GND
Ground
8
GND
Ground
9
Select
Select LVDS Data format
1
10
NC
NC
16
RB+
LVDS Receiver Signal(+)
17
GND
Ground
18
RC-
LVDS Receiver Signal(-)
19
RC+
LVDS Receiver Signal(+)
20
GND
Ground
26
GND
Ground
27
NC
NC
1
VLCD
Power Supply +12.0V
This LCD employs two kinds of interface connection, a 30-pin connector is used for the module electronics and two 12-
pin Connectors are used for the integral backlight system.
3-2-1. LCD Module
3-2. Interface Connections


同様の部品番号 - LC230WX3

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
LC230Z SEOUL-LC230Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

同様の説明 - LC230WX3

メーカー部品番号データシート部品情報
logo
LG Semicon Co.,Ltd.
LM190E08 LG-LM190E08 Datasheet
415Kb / 29P
   Liquid Crystal Display SXGA TFT LCD
LM201WE3 LG-LM201WE3 Datasheet
722Kb / 29P
   Liquid Crystal Display WSXGA TFT LCD
logo
List of Unclassifed Man...
V390DK1-LS1 ETC2-V390DK1-LS1 Datasheet
1Mb / 50P
   TFT Liquid Crystal Display
logo
LG Semicon Co.,Ltd.
LC260W01 LG-LC260W01 Datasheet
548Kb / 27P
   26.0??WXGA TFT LCD
LP154W01 LG-LP154W01 Datasheet
4Mb / 27P
   15.4 WXGA TFT LCD
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
   37.0 WXGA TFT LCD
May.25, 2004
logo
LG Semicon Co.,Ltd.
LC420W02 LG-LC420W02 Datasheet
1,012Kb / 28P
   42.0 WXGA TFT LCD
LP141WX3 LG-LP141WX3 Datasheet
1Mb / 32P
   14.1??WXGA TFT LCD
logo
Hantronix,Inc
HDA1010WPT-S-WV HANTRONIX-HDA1010WPT-S-WV Datasheet
3Mb / 27P
   10.1, TFT WXGA (1280X800) COLOR LCD DISPLAY MODULE
logo
Hamamatsu Corporation
C9303-04 HAMAMATSU-C9303-04_15 Datasheet
74Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com