データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145162-1 データシート(PDF) 9 Page - Motorola, Inc

部品番号 MC145162-1
部品情報  60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145162-1 データシート(HTML) 9 Page - Motorola, Inc

Back Button MC145162-1 Datasheet HTML 5Page - Motorola, Inc MC145162-1 Datasheet HTML 6Page - Motorola, Inc MC145162-1 Datasheet HTML 7Page - Motorola, Inc MC145162-1 Datasheet HTML 8Page - Motorola, Inc MC145162-1 Datasheet HTML 9Page - Motorola, Inc MC145162-1 Datasheet HTML 10Page - Motorola, Inc MC145162-1 Datasheet HTML 11Page - Motorola, Inc MC145162-1 Datasheet HTML 12Page - Motorola, Inc MC145162-1 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MC145162
•MC145162–1
MOTOROLA
9
fR1
S2
fR1
S1
AUX
REF
ENABLE
14–BITS AUX REF FREQ
DATA
12–BITS REF FREQ
DATA
REFERENCE
FREQUENCY
SELECT
AUX REFERENCE
FREQUENCY COUNTER
DIVIDE RATIO
REFERENCE FREQUENCY COUNTER
IDENTIFIER = 0
REFERENCE
FREQUENCY
SELECT
0
Rx–0
SELECT
Tx–0
SELECT
ENB
REFERENCE
FREQUENCY
COUNTER
DIVIDE RATIO
Din
Figure 9. Programming Format of the Auxiliary/Reference Frequency Counters
NOTE: ENB must be high during the serial transfer.
CLK
Figure 10. MCU Interface Using SPI
ENB
CLK
Din
MCU
USING
SERIAL PERIPHERAL
INTERFACE PORT
UNIVERSAL PLL
AUX DATA BIT = 0
Figure 11. MCU Interface Using Normal I/O Ports with
Both Din and ADin for Faster Programming Time
Din
ENB
CLK
ADin
MCU
USING
NORMAL I/O PORT
UNIVERSAL PLL
AUX DATA BIT = 1


同様の部品番号 - MC145162-1

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC145162D LANSDALE-MC145162D Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
MC145162D LANSDALE-MC145162D Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
MC145162P LANSDALE-MC145162P Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
MC145162P LANSDALE-MC145162P Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results

同様の説明 - MC145162-1

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Motorola, Inc
MC145165 MOTOROLA-MC145165 Datasheet
49Kb / 2P
   LOW-VOLTAGE 60MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZER CMOS
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com