データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13142 データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC13142
部品情報  LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13142 データシート(HTML) 2 Page - Motorola, Inc

  MC13142 Datasheet HTML 1Page - Motorola, Inc MC13142 Datasheet HTML 2Page - Motorola, Inc MC13142 Datasheet HTML 3Page - Motorola, Inc MC13142 Datasheet HTML 4Page - Motorola, Inc MC13142 Datasheet HTML 5Page - Motorola, Inc MC13142 Datasheet HTML 6Page - Motorola, Inc MC13142 Datasheet HTML 7Page - Motorola, Inc MC13142 Datasheet HTML 8Page - Motorola, Inc MC13142 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC13142
2
MOTOROLA RF/IF DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC(max)
7.0
Vdc
Operating Supply Voltage Range
VCC
2.7 to 6.5
Vdc
NOTE:
ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 3.0 V, TA = 25°C, LOin = –10 dBm @ 950 MHz, IF @ 50 MHz.)
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Current (Disable)
ICC_Total
–230
230
A
Pin 15 with Pin 1 @ 0 V
ICC_15
–110
110
µA
Pin 10 and 11 with Pin 1 @ 0 V
ICC_Mix
–20
20
µA
Pin 6 with Pin 1 @ 0 V
ICC_6
–100
100
Supply Current (Enable)
ICC_Total
8.25
13.5
26
A
Pin 15 with Pin 1 @ 3.0 V
ICC_15
1.0
4.5
mA
Pin 10 with Pin 1 @ 3.0 V
ICC_Mix
1.25
7.5
mA
Pin 6 with Pin 1 @ 3.0 V
ICC_6
6.0
14
Amplifier Gain (50
Ω Insertion Gain)
S21
6.5
12
13
dB
Amplifier Reverse Isolation
S12
–33
dB
Amplifier Input Match
Γin amp
–10
dB
Amplifier Output Match
Γout amp
–15
dB
Amplifier 1.0 dB Gain Compression
Pin–1.0 dB
–18
–15
–8.0
dBm
Amplifier Input Third Order Intercept
IP3in
–5.0
dBm
Amplifier Noise Figure (Application Circuit)
NF
1.0
1.8
4.0
dB
Amplifier Gain @ N.F.
GNF
17
dB
Mixer Voltage Conversion Gain (RP = RL = 800 Ω)
VGC
9.0
dB
Mixer Power Conversion Gain (RP = RL = 800 Ω)
PGC
–7.0
–3.0
–2.0
dB
Mixer Input Match
Γin M
–20
dB
Mixer SSB Noise Figure
NFSSBM
12
dB
Mixer 1.0 dB Gain Compression
Pin–1.0 dBM
3.0
dBm
Mixer Input Third Order Intercept
IP3InM
–1.0
dBm
Oscillator Buffer Drive (50
Ω)
PVCO
–19.5
–16
–12
dBm
Oscillator Phase Noise @ 25 kHz Offset
N
Φ
–90
dBc/Hz
RFin Feedthrough to RFm
PRFin–RFm
–35
dB
RFout Feedthrough to RFm
PRFout–RFm
–35
dB
LO Feedthrough to IF
PLO–IF
–35
dBm
LO Feedthrough to RFin
PLO–RFin
–35
dBm
LO Feedthrough to RFm
PLO–RFm
–35
dBm
Mixer RF Feedthrough to IF
PRFm–IF
–25
dB
Mixer RF Feedthrough to RFin
PRFm–RFin
–25
dB


同様の部品番号 - MC13142

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13144D MOTOROLA-MC13144D Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

同様の説明 - MC13142

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
logo
LANSDALE Semiconductor ...
ML13146 LANSDALE-ML13146 Datasheet
7Mb / 15P
   Low Power DC - 1.8 GHz Transmitter
ML13146 LANSDALE-ML13146_08 Datasheet
2Mb / 15P
   Low Power DC ??1.8 GHz Transmitter
logo
NXP Semiconductors
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
   1GHz low voltage LNA and mixer
1999 Mar 26
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
   Low voltage LNA and mixer - 1GHz
December 15, 1994
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
   1GHz low voltage LNA and mixer
1998 Jan 08
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
   LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com