データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3028A データシート(PDF) 2 Page - Harris Corporation

部品番号 CA3028A
部品情報  Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3028A データシート(HTML) 2 Page - Harris Corporation

  CA3028A Datasheet HTML 1Page - Harris Corporation CA3028A Datasheet HTML 2Page - Harris Corporation CA3028A Datasheet HTML 3Page - Harris Corporation CA3028A Datasheet HTML 4Page - Harris Corporation CA3028A Datasheet HTML 5Page - Harris Corporation CA3028A Datasheet HTML 6Page - Harris Corporation CA3028A Datasheet HTML 7Page - Harris Corporation CA3028A Datasheet HTML 8Page - Harris Corporation CA3028A Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
7-7
Operating Conditions
Thermal Information
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
Metal Can Package . . . . . . . . . . . . . . .
225
140
PDIP Package . . . . . . . . . . . . . . . . . . .
155
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
185
N/A
Maximum Junction Temperature (Metal Can Package) . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Absolute Maximum Voltage Ratings TA = 25oC
Absolute Maximum
Current Ratings
The following chart gives the range of voltages which can be applied to the terminals listed
horizontally with respect to the terminals listed vertically. For example, the voltage range of the
horizontal Terminal 4 with respect to Terminal 2 is -1V to +5V.
TERM
NO.
12345678
TERM
NO.
IIN
mA
IOUT
mA
1
0 to -15
(Note 4)
0 to -15
(Note 4)
0 to -15
(Note 4)
+5 to -5
Note 3
Note 3
+20 to 0
(Note 5)
1
0.6
0.1
2
+5 to -11
+5 to -1
+15 to 0
(Note 6)
Note 3
+15 to 0
(Note 6)
Note 3
2
4
0.1
3
(Note 2)
+10 to 0
+15 to 0
(Note 6)
+30 to 0
(Note 7)
+15 to 0
(Note 6)
+30 to 0
(Note 7)
3
0.1
23
4
+15 to 0
(Note 6)
Note 3
Note 3
Note 3
4
20
0.1
5
+20 to 0
(Note 5)
Note 3
Note 3
5
0.6
0.1
6
Note 3
Note 3
6
20
0.1
7
Note 3
7
4
0.1
8
8
20
0.1
NOTES:
2. Terminal No. 3 is connected to the substrate and case.
3. Voltages are not normally applied between these terminals. Voltages appearing between these
terminals will be safe, if the specified voltage limits between all other terminals are not exceeded.
4. Limit is -12V for CA3053.
5. Limit is +15V for CA3053.
6. Limit is +12V for CA3053.
7. Limit is +24V for CA3028A and +18V for CA3053.
Electrical Specifications
TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
CA3028A
CA3028B
CA3053
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
DC CHARACTERISTICS
Input Offset Voltage
(Figures 1, 14)
VIO
VCC = 6V, VEE = -6V
-
-
-
-
0.98
5.0
-
-
-
mV
VCC = 12V, VEE = -12V
-
-
-
-
0.89
5.0
-
-
-
mV
Input Offset Current
(Figures 2, 14)
IIO
VCC = 6V, VEE = -6V
-
-
-
-
0.56
5.0
-
-
-
µA
VCC = 12V, VEE = -12V
-
-
-
-
1.06
6.0
-
-
-
µA
Input Bias Current
(Figures 2, 3, 15, 16)
II
VCC = 6V, VEE = -6V
-
16.6
70
-
16.6
40
-
-
-
µA
VCC = 12V, VEE = -12V
-
36
106
-
36
80
-
-
-
µA
VCC = 9V
-
-
-
-
-
-
29
85
µA
VCC = 12V
-
-
-
-
-
-
-
36
125
µA
CA3028A, CA3028B, CA3053


同様の部品番号 - CA3028A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028A HARRIS-CA3028A Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028AE INTERSIL-CA3028AE Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028AE HARRIS-CA3028AE Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028AM96 INTERSIL-CA3028AM96 Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
More results

同様の説明 - CA3028A

メーカー部品番号データシート部品情報
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12