データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3028AE データシート(PDF) 9 Page - Harris Corporation

部品番号 CA3028AE
部品情報  Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3028AE データシート(HTML) 9 Page - Harris Corporation

Back Button CA3028AE Datasheet HTML 4Page - Harris Corporation CA3028AE Datasheet HTML 5Page - Harris Corporation CA3028AE Datasheet HTML 6Page - Harris Corporation CA3028AE Datasheet HTML 7Page - Harris Corporation CA3028AE Datasheet HTML 8Page - Harris Corporation CA3028AE Datasheet HTML 9Page - Harris Corporation CA3028AE Datasheet HTML 10Page - Harris Corporation CA3028AE Datasheet HTML 11Page - Harris Corporation CA3028AE Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
7-14
FIGURE 20. AGC BIAS CURRENT vs BIAS VOLTAGE
(TERMINAL 7) FOR CA3028A AND CA3028B
FIGURE 21. POWER DISSIPATION vs TEMPERATURE FOR
CA3028A AND CA3028B
FIGURE 22. POWER GAIN vs FREQUENCY (CASCODE
CONFIGURATION) FOR CA3028A AND CA3028B
FIGURE 23. 100MHz NOISE FIGURE vs COLLECTOR SUPPLY
VOLTAGE (CASCODE CONFIGURATION)
FOR CA3028A AND CA3028B
FIGURE 24. POWER GAIN vs FREQUENCY (DIFFERENTIAL
AMPLIFIER CONFIGURATION) FOR CA3028A AND
CA3028B
FIGURE 25. 100MHz NOISE FIGURE vs COLLECTOR SUPPLY
VOLTAGE (DIFFERENTIAL AMPLIFIER
CONFIGURATION) FOR CA3028A AND CA3028B
Typical Performance Curves (Continued)
DIFFERENTIAL AMPLIFIER CONFIGURATION
AGC BIAS, TERMINAL NO. 7 (V)
0
4
10
12
2
1
0
TA = 25
oC
8
6
2
TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
150
160
170
180
25
30
35
40
VCC = +6V
VEE = -6V
VCC = +12V
VEE = -12V
FREQUENCY (MHz)
10
100
0
30
35
45
VCC = +12V
CASCODE CONFIGURATION
TA = 25
oC
VCC = +9V
40
5
10
15
20
25
20
30
40
50
60 70 80 90
DC COLLECTOR SUPPLY VOLTAGE (V)
912
5
CASCODE CONFIGURATION
TA = 25
oC, f = 100MHz
6
7
8
9
10
11
FREQUENCY (MHz)
10
100
0
30
35
VCC = +12V
DIFFERENTIAL AMPLIFIER CONFIGURATION
VCC = +9V
40
5
10
15
20
25
20
30
40
50
60 70 80 90
TA = 25
oC
DIFFERENTIAL AMPLIFIER CONFIGURATION
DC COLLECTOR SUPPLY VOLTAGE (V)
912
5
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, f = 100MHz
6
7
8
9
10
11
CA3028A, CA3028B, CA3053


同様の部品番号 - CA3028AE

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3028AE INTERSIL-CA3028AE Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028AE HARRIS-CA3028AE Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
More results

同様の説明 - CA3028AE

メーカー部品番号データシート部品情報
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com