データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3028AM96 データシート(PDF) 7 Page - Harris Corporation

部品番号 CA3028AM96
部品情報  Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3028AM96 データシート(HTML) 7 Page - Harris Corporation

Back Button CA3028AM96 Datasheet HTML 3Page - Harris Corporation CA3028AM96 Datasheet HTML 4Page - Harris Corporation CA3028AM96 Datasheet HTML 5Page - Harris Corporation CA3028AM96 Datasheet HTML 6Page - Harris Corporation CA3028AM96 Datasheet HTML 7Page - Harris Corporation CA3028AM96 Datasheet HTML 8Page - Harris Corporation CA3028AM96 Datasheet HTML 9Page - Harris Corporation CA3028AM96 Datasheet HTML 10Page - Harris Corporation CA3028AM96 Datasheet HTML 11Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7-12
FIGURE 11. TRANSFER CHARACTERISTIC (VOLTAGE GAIN)
TEST CIRCUIT (10.7MHz) DIFFERENTIAL
AMPLIFIER CONFIGURATION FOR CA3028A,
CA3028B AND CA3053
NOTE: For R = 1.6k
Ω:VCC = 12V, VEE = -12V
For R = 2.0k
Ω:VCC = 6V, VEE = -6V.
FIGURE 12. DIFFERENTIAL VOLTAGE GAIN, MAXIMUM PEAK-
TO-PEAK OUTPUT VOLTAGE AND BANDWIDTH
TEST CIRCUIT FOR CA3028B
NOTES:
19. For CMR test: S1 to GND.
20. For Input Common Mode Voltage Range Test: S1 to VX.
21.
A = Single-Ended Voltage Gain.
FIGURE 13. COMMON MODE REJECTION RATIO AND COMMON MODE INPUT VOLTAGE RANGE TEST CIRCUIT FOR CA3028B
Test Circuits (Continued)
ICUT
6
1
8
3
7
INPUT
0.01
µF
50
5
0.001
µF
2k
0.01
µF
1k
Ω LOAD
10
OUTPUT
1k
VCC
10
µH
ICUT
8
1
6
5
µF
50
VIN = 10mV
(RMS)
WITH HIGH
GAIN DIFF. INPUT
(TEKTRONIX TYPE
530, 540, OR 580
WITH TYPE D
PLUG-IN
TEKTRONIX
TYPE 502 OR
7
3
5
3
µF
VDIFF
(RMS)
EQUIVALENT)
3
µF
R
R
INPUT
SIGNAL
f = 1kHz
VEE
VCC
OSCILLOSCOPE
(NOTE)
(NOTE)
Common Mode Rejection Ratio
20log
10
A
() 2
() 0.3
()
V
DIFF
RMS
()
-------------------------------------
=
ICUT
8
1
6
5
µF
WITH HIGH
GAIN DIFF. INPUT
(TEKTRONIX TYPE
530, 540, OR 580
WITH TYPE D
PLUG-IN
TEKTRONIX
TYPE 502 OR
3
VDIFF
(RMS)
EQUIVALENT)
3
µF
1k
1k
INPUT
SIGNAL
f = 1kHz
VCC
5
7
VEE
3
µF
VX RANGE
OF COMMON
MODE REJECTION
VIN = 0.3V
(RMS)
S1
OSCILLOSCOPE
500
CA3028A, CA3028B, CA3053


同様の部品番号 - CA3028AM96

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3028AM96 INTERSIL-CA3028AM96 Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028AM96 HARRIS-CA3028AM96 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
More results

同様の説明 - CA3028AM96

メーカー部品番号データシート部品情報
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com