データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 37 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 37 page
background image
2003 Oct 21
37
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
11.2.9
SUBADDRESS BH; INPUT AND ASI
Table 39 Format of data byte BH with default setting
Table 40 Description of data byte BH
Table 41 FM noise blanker level sensitivity
Table 42 Audio input tone/volume part
Table 43 Audio step interpolation time constant
11.2.10 SUBADDRESS CH; LOUDNESS
Table 44 Format of data byte CH with default setting
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NBL1
NBL0
INP1
INP0
MUTE
ASI
AST1
AST0
10001100
BIT
SYMBOL
DESCRIPTION
7 and 6
NBL[1:0]
FM noise blanker level sensitivity. See Table 41.
5 and 4
INP[1:0]
Audio input tone/volume part. See Table 42.
3
MUTE
Audio mute. 0 = no mute; 1 = mute.
2
ASI
Audio step interpolation. 0 = disable; 1 = enable.
1 and 0
AST[1:0]
Audio step interpolation time constant. ASI time is 0 s when ASI = 0; see Table 43.
NBL1
NBL0
SENSITIVITY OF FM NOISE BLANKER AT LEVEL INPUT (mV)
00
9
01
18
10
28
1
1
reserved
INP1
INP0
AUDIO INPUT FOR TONE/VOLUME PART
0
0
radio
01
CD
1
0
tape
1
1
phone
AST1
AST0
ASI TIME (ms)
00
1
01
3
10
10
11
30
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LDN4
LDN3
LDN2
LDN1
LDN0
LLF
LHB
0000011




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl