データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 49 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 49 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
NOISE
DETECT
NOISE
BLANKER
PILOT
CANCEL
INPUT
SELECT
25
26
5
23
24
21
20
22
CDL
7
×
220 nF
220 nF
100
nF
10 nF
CDR
CDCM
TAPEL
TAPER
PHONE
PHCM
7
AM
NICE
6
MPXRDS
1
LEVEL
3
4
SCL
SDA
10
i.c.
8, 12, 13, 14, 15, 19,
31, 33, 34, 35, 36, 40
AFSAMP
9
AFHOLD
37
38
39
2 RDSGND
MHC351
RDQ
RDDA
RDCL
42
SDA
43
SCL
+
+
+
+
+
+
+
PILOT/
REFERENCE
PLL
STEREO
DECODER
HIGH
CUT
f: 1.5 to 15 kHz/wide
stereo adjust
roll-off correction
fm/am
NOISE
DETECT
nb sensitivity
usn
sensitivity
level
detection timings
and control
usn
sclg
11
FREF
fref
sdag
USN
MPX
snc start, slope
hcc start, slope
sm start, slope
MULTIPATH/
WEAK SIGNAL
DETECTION
AND LOGIC
SNC
HCC
DETECT
SM
hold
RDS
DEMODULATOR
57 kHz
sclg
write
autogate
I2C-BUS
INTERFACE
SUPPLY
read
addr
sdag
RDS
PULSE
TIMER
TEF6890H
PULSE
TIMER
amnb
amnb
fmsnc
amfm-
softmute
afu-
mute
asi
asi
asi time
asi active
level/off
pitch
on/off
asi
fmnb
amfmhcc
fmnb
fmsnc
amfm-
hcc
wam
sensitivity
amfm-
softmute
LOUDNESS
input select
0 to
−20 dB
low f: 50/100 Hz
high boost
DE-EMPHASIS
50/75
µs
Vref
standby
44
ADDR
41 DGND
18 CREF
17 AGND
22
nF
47
µF
4.7
µF
16
VCC
32
NAV
100 nF
30
RROUT
29
LROUT
28
RFOUT
27
LFOUT
wam
WAM
afus
reset/hold
afumute
Iref
fref
TREBLE
AUDIO STEP INTERPOLATION (asi)
BEEP
+14 to −14 dB
f: 8 to 15 kHz
+14 to −14 dB
f: 60 to 120 Hz
shelve/band-pass
BASS
asi
asi
front/rear
0 to
−59 dB
FRONT/
REAR
FADER
mute:
LF, RF,
LR, RR
mix:
LF, RF,
LR, RR
MUTE
MIX
VOLUME/
BALANCE/
MUTE
vol:
+20 to −59 dB
bal: L/R, 0 to
−79 dB
mute
57 kHz
38 kHz
19 kHz
stereo
DETECT
level
Fig.24 Application diagram.




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl