データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 7 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 7 page
background image
2003 Oct 21
7
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
6
PINNING
SYMBOL
PIN
DESCRIPTION
LEVEL
1
level detector input
RDSGND
2
RDS ground
SCLG
3
gated I2C-bus clock port
SDAG
4
gated I2C-bus data port
FMMPX
5
FM-MPX input for audio processing
MPXRDS
6
FM-MPX input for weak signal processing, noise blanker and RDS demodulator
AM
7
AM audio input
i.c.
8
internally connected
AFHOLD
9
FM weak signal processing hold input
AFSAMP
10
trigger signal input for quality measurement
FREF
11
reference frequency input 75.4 kHz
i.c.
12
internally connected
i.c.
13
internally connected
i.c.
14
internally connected
i.c.
15
internally connected
VCC
16
supply voltage
AGND
17
analog ground
CREF
18
reference voltage capacitor
i.c.
19
internally connected
CDR
20
CD right input
CDCM
21
CD common input
CDL
22
CD left input
TAPER
23
tape right input
TAPEL
24
tape left input
PHONE
25
phone input
PHCM
26
phone common input
LFOUT
27
left front output
RFOUT
28
right front output
LROUT
29
left rear output
RROUT
30
right rear output
i.c.
31
internally connected
NAV
32
audio input for navigation voice signal
i.c.
33
internally connected
i.c.
34
internally connected
i.c.
35
internally connected
i.c.
36
internally connected
RDQ
37
RDS/RBDS demodulator quality information output
RDDA
38
RDS/RBDS demodulator data output
RDCL
39
RDS/RBDS demodulator clock input or output
i.c.
40
internally connected




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl