データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 11 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 11 page
background image
2003 Oct 21
11
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Machine model (R = 0
Ω, C = 200 pF).
2. Human body model (R = 1.5 k
Ω, C = 100 pF).
9
THERMAL CHARACTERISTICS
10 CHARACTERISTICS
FM part: fFMMPX = 1 kHz at VFMMPX = 767 mV (RMS); pilot off (100% FM). AM part: fAM = 1 kHz at
VAM = 967 mV (RMS) (100% AM). Treble: 10 kHz filter frequency. Bass: 60 Hz filter frequency. Loudness: 50 Hz filter
frequency; treble loudness on. VCC = 8.5 V; Tamb =25 °C; see Fig.23; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.3
+10
V
Vi
input voltage for any pin
−0.3
VCC + 0.3 V
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
−40
+85
°C
Vesd
electrostatic discharge voltage
note 1
−200
+200
V
note 2
−2000
+2000
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in free air
61
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
8.0
8.5
9.0
V
ICC
supply current
normal mode
28
mA
standby RDS; audio on
24
mA
standby audio; RDS on
19
mA
standby
15
mA
Logic pins
VIH
HIGH-level input voltage
pins SDA, SCL, ADDR, SDAG and
RDCL
1.75
5.5
V
pins AFHOLD and AFSAMP
1.75
5.5
V
VIL
LOW-level input voltage
pins SDA, SCL, ADDR, SDAG and
RDCL
−0.2
+1.0
V
pins AFHOLD and AFSAMP
−0.2
+1.0
V
VOH
HIGH-level output voltage pins RDCL and RDDA; IOH = 2.5 µA
2.6
−−
V
VOL
LOW-level output voltage
pins SCLG, RDCL and RDDA;
IOL = 3 mA; note 1
−−
0.4
V
pin SDA; IOL =3mA
−−
0.4
V




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl