データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 15 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 15 page
background image
2003 Oct 21
15
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
tLEVEL(decay)
level detector decay time
(soft mute and HCC)
see Table 25; LETF = 0; SEAR = 0
LET[1:0] = 00
3
s
LET[1:0] = 01
6
s
LET[1:0] = 10
1.5
s
LET[1:0] = 11
1.5
s
see Table 25; LETF = 1; SEAR = 0
LET[1:0] = 00
0.5
s
LET[1:0] = 01
0.5
s
LET[1:0] = 10
0.17
s
LET[1:0] = 11
0.06
s
search mode; SEAR = 1
60
ms
tMPH(attack)
multipath detector attack
time (SNC)
see Table 26; SEAR = 0
MPT[1:0] = 00
0.5
s
MPT[1:0] = 01
0.5
s
MPT[1:0] = 10
0.5
s
MPT[1:0] = 11
0.25
s
search mode; SEAR = 1
60
ms
tMPH(decay)
multipath detector decay
time (SNC)
see Table 26; SEAR = 0
MPT[1:0] = 00
12
s
MPT[1:0] = 01
24
s
MPT[1:0] = 10
6
s
MPT[1:0] = 11
6
s
search mode; SEAR = 1
60
ms
tUSN(attack)
USN detector attack time
(soft mute and SNC)
1
ms
tUSN(decay)
USN detector decay time
(soft mute and SNC)
1
ms
∆USS
USN detector
desensitization
USN sensitivity setting (USS) versus
level voltage (USN sensitivity setting
is automatically reduced as level
voltage decreases)
VLEVEL > 1.25 V
−−
3
1.25V>VLEVEL > 1.125 V
−−
2
1.125 V > VLEVEL > 1.0 V
−−
1
1.0V>VLEVEL
−−
0
tWAM(attack)
WAM detector attack time
(SNC)
1
ms
tWAM(decay)
WAM detector decay time
(SNC)
1
ms
tpeak(USN)(attack) peak detector for USN
attack time for read-out
via I2C-bus
1
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl