データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 17 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 17 page
background image
2003 Oct 21
17
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
CSNC
SNC slope
see Fig.8; slope of channel
separation between
30 dB and 10 dB with respect to
level voltage; SST[3:0] = 1010
SSL[1:0] = 00
38
dB/V
SSL[1:0] = 01
51
dB/V
SSL[1:0] = 10
63
dB/V
SSL[1:0] = 11
72
dB/V
Vstart(HCC)
HCC start voltage
see Fig.9; faudio = 10 kHz; voltage at
pin LEVEL that causes
αHCC = 3 dB;
HSL[1:0] = 10
HST[2:0] = 000
1.17
V
HST[2:0] = 001
1.42
V
HST[2:0] = 010
1.67
V
HST[2:0] = 011
1.92
V
HST[2:0] = 100
2.17
V
HST[2:0] = 101
2.67
V
HST[2:0] = 110
3.17
V
HST[2:0] = 111
3.67
V
CHCC
HCC slope
see Fig.10; faudio = 10 kHz;
HST[2:0] = 010
HSL[1:0] = 00
9
dB/V
HSL[1:0] = 01
11
dB/V
HSL[1:0] = 10
14
dB/V
HSL[1:0] = 11
18
dB/V
α
HCC(max)
maximum HCC
attenuation
see Fig.10; faudio =10kHz
HCSF = 1
10
dB
HCSF = 0
14
dB
fcut-off
cut-off frequency of fixed
HCC
see Table 32;
−3 dB point (first order
filter)
HCF[2:0] = 000
1.5
kHz
HCF[2:0] = 001
2.2
kHz
HCF[2:0] = 010
3.3
kHz
HCF[2:0] = 011
4.7
kHz
HCF[2:0] = 100
6.8
kHz
HCF[2:0] = 101
10
kHz
HCF[2:0] = 110
wide
−−
HCF[2:0] = 111
unlimited
−−
Analog-to-digital converters for I2C-bus
LEVEL ANALOG-TO-DIGITAL CONVERTER (8-BIT); see Fig.4
VLEVEL(min)
lower voltage limit of
conversion range
0.25
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
C
SNC
α
cs
V
eq
-------------
=
C
HCC
α
HCC
V
eq
-----------------
=




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTI store
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl