データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 18 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 18 page
background image
2003 Oct 21
18
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
VLEVEL(max)
upper voltage limit of
conversion range
4.25
V
∆V
LEVEL
bit resolution voltage
15.7
mV
ULTRASONIC NOISE ANALOG-TO-DIGITAL CONVERTER (4-BIT); see Fig.5
VUSN(min)(rms)
conversion range lower
voltage limit (RMS value)
fFMMPX = 150 kHz
0
V
VUSN(max)(rms)
conversion range upper
voltage limit (RMS value)
fFMMPX = 150 kHz
0.75
V
∆V
USN(rms)
bit resolution voltage
(RMS value)
50
mV
WIDEBAND AM ANALOG-TO-DIGITAL CONVERTER (4-BIT); see Fig.6
VWAM(min)(p-p)
lower voltage limit of
conversion range
(peak-to-peak value)
fLEVEL =21kHz
0
mV
VWAM(max)(p-p)
upper voltage limit of
conversion range
(peak-to-peak value)
fLEVEL =21kHz
800
mV
∆V
WAM(p-p)
bit resolution voltage
(peak-to-peak value)
53.3
mV
Tone/volume control
Zi
input impedance at pins
TAPEL, TAPER, CDL and
CDR
80
−−
k
input impedance at
pin PHONE
50
−−
k
Zo
output impedance at
pins LFOUT, RFOUT,
LROUT and RROUT
−−
100
Gs(main)
signal gain from main
source input to LFOUT,
RFOUT, LROUT and
RROUT outputs
−1
+1
dB
Gs(NAV)
signal gain from NAV
input to LFOUT, RFOUT,
LROUT and RROUT
outputs
−1.5
0
+1.5
dB
Vi(max)(rms)
maximum input voltage
level at pins TAPEL,
TAPER, CDL, CDR and
PHONE (RMS value)
THD = 0.1%; Gvol = −6dB
2
−−
V
Vi(NAV)(max)(rms) maximum input voltage
level at pin NAV
(RMS value)
THD = 1%
0.3
−−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl