データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 21 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 21 page
background image
2003 Oct 21
21
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
Gstep(vol)
step resolution gain
(volume)
see Table 49
1
dB
∆G
set
gain set error
Gvol = +20 to −36 dB
−1
0
+1
dB
Gvol = −36 to −59 dB
−3
0
+3
dB
∆G
track
gain tracking error
between left and right
Gvol = +20 to −36 dB
01
dB
Gvol = −36 to −59 dB
03
dB
TREBLE
fcut-off(treble)
treble control filter cut-off
frequency
see Table 53;
−3 dB frequency
referred to 100 kHz
TRF[1:0] = 00
8
kHz
TRF[1:0] = 01
10
kHz
TRF[1:0] = 10
12
kHz
TRF[1:0] = 11
15
kHz
Gtreble
treble gain control
see Table 52
maximum setting
14
dB
minimum setting
−−14
dB
Gstep(treble)
step resolution gain
(treble)
see Table 52
2
dB
BASS
fc(bass)
bass control filter centre
frequency
see Table 57
BAF[1:0] = 00
60
Hz
BAF[1:0] = 01
80
Hz
BAF[1:0] = 10
100
Hz
BAF[1:0] = 11
120
Hz
Qbass
bass filter quality factor
Gbass = +12 dB
1.0
−−
EQbow
equalizer bowing
faudio = 1 kHz; Vi = 500 mV (RMS);
Gbass = +12 dB; fc(bass) = 60 Hz;
Gtreble = +12 dB;
fcut-off(treble) = 10 kHz; see Fig.3
1.8
dB
Gbass
bass gain control
see Table 56
maximum setting; symmetrical
boost
14
dB
minimum setting; asymmetrical cut
−−14
dB
minimum setting; symmetrical cut
−−14
dB
Gstep(bass)
step resolution gain
(bass)
see Table 56
2
dB
FADER
Gfader
fader gain control
see Table 60
maximum setting
0
dB
minimum setting
−−59
dB
mute attenuation; 20 Hz to 20 kHz
input
−−80
−66
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl