データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 22 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 22 page
background image
2003 Oct 21
22
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
Notes
1. The LOW voltage of pin SCLG is influenced by VSCL: VSCLG(LOW) ≥ VSCL(LOW) + 0.22 V.
2. The equivalent level voltage is that value of the level voltage (at pin LEVEL) which results in the same weak signal
control effect (for instance HCC roll-off) as the output value of the specified detector (USN, WAM and MPH).
3. Crosstalk between bus inputs and signal outputs:
Gstep(fader)
step resolution gain
(fader)
see Table 60
Gfader =0to −15 dB
1
dB
Gfader = −15 to −45 dB
2.5
dB
Gfader = −45 to −51 dB
3
dB
Gfader = −51 to −59 dB
4
dB
α
mute
audio mute
volume control: mute and output
muted (bits MULF, MURF, MULR
and MURR)
90
−−
dB
BEEP
fbeep
beep generator frequency see Table 69
BEF[1:0] = 00
500
Hz
BEF[1:0] = 01
1
kHz
BEF[1:0] = 10
2
kHz
BEF[1:0] = 11
3
kHz
Vbeep(rms)
beep generator audio
level (RMS value)
see Table 68
BEL[2:0] = 000
0
mV
BEL[2:0] = 001
13.3
mV
BEL[2:0] = 010
18
mV
BEL[2:0] = 011
28
mV
BEL[2:0] = 100
44
mV
BEL[2:0] = 101
60
mV
BEL[2:0] = 110
90
mV
BEL[2:0] = 111
150
mV
THDbeep
total harmonic distortion
of beep generator
fbeep = 1 kHz or 2 kHz
−−
7%
Power-on reset (all registers in default setting, outputs muted, standby mode)
Vth(POR)
threshold voltage of
Power-on reset
6.3
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
α
ct
20log
V
bus(p-p)
V
o(rms)
---------------------
=




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl