データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 25 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 25 page
background image
2003 Oct 21
25
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
Table 6
Description of data byte 1
11.1.2
DATA BYTE 2; LEVEL
Table 7
Format of data byte 2
Table 8
Description of data byte 2
BIT
SYMBOL
DESCRIPTION
7
STIN
Stereo indicator. 0 = no pilot signal detected; 1 = pilot signal detected.
6
ASIA
ASI active. 0 = not active; 1 = ASI step is in progress.
5
AFUS
AF update sample. 0 = LEV, USN and WAM information is taken from main frequency
(continuous mode); 1 = LEV, USN and WAM information is taken from alternative
frequency. Continuous mode during AF update and sampled mode after AF update.
Sampled mode reverts to continuous main frequency information after read.
4
POR
Power-on reset. 0 = standard operation (valid I2C-bus register settings); 1 = Power-on
reset detected since last read cycle (I2C-bus register reset). After read the bit will reset
to POR = 0.
3
Reserved.
2 to 0
ID[2:0]
Identification. TEF6890H device type identification; ID[2:0] = 000.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LEV7
LEV6
LEV5
LEV4
LEV3
LEV2
LEV1
LEV0
BIT
SYMBOL
DESCRIPTION
7 to 0
LEV[7:0]
Level. 8-bit value of level voltage from tuner; see Fig.4.
handbook, halfpage
05
VLEVEL (V)
Veq
(V)
LEV[7:0]
255
0
5
0
1
2
3
4
12
3
4
MHC331
Fig.4 Equivalent level voltage Veq (MPH and LEV detector) as a function of level voltage VLEVEL.




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl