データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 26 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 26 page
background image
2003 Oct 21
26
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
11.1.3
DATA BYTE 3; USN AND WAM
Table 9
Format of data byte 3
Table 10 Description of data byte 3
11.2
Write mode
Table 11 Format for subaddress byte with default setting
Table 12 Description of subaddress byte
Table 13 Selection of data byte
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
USN3
USN2
USN1
USN0
WAM3
WAM2
WAM1
WAM0
BIT
SYMBOL
DESCRIPTION
7 to 4
USN[3:0]
Ultrasonic noise detector. USN content of the MPXRDS audio signal; see Fig.5.
3 to 0
WAM[3:0]
Wideband AM detector. WAM content of the LEVEL voltage; see Fig.6.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
AIOF
GATE
SGAT
SA4
SA3
SA2
SA1
SA0
00
−−−−−
BIT
SYMBOL
DESCRIPTION
7
AIOF
Auto-increment off. 0 = auto-increment enabled; 1 = auto-increment disabled.
6GATE
Gate. 0=I2C-bus outputs (SDAG and SCLG) are controllable by the shortgate or the
autogate function; 1 = I2C-bus outputs are enabled.
5
SGAT
Shortgate. 1=I2C-bus outputs (SDAG and SCLG) are enabled for a single
transmission following this control and disabled automatically.
4 to 0
SA[4:0]
Data byte select. The subaddress value is auto-incremented when AIOF = 0 and will
revert from SA = 30 to SA = 0. SA = 31 can only be accessed via direct subaddress
selection, in which case auto-increment will revert from SA = 31 to SA = 0; see
Table 13.
SA4
SA3
SA2
SA1
SA0
HEX(1)
MNEMONIC
ADDRESSED DATA BYTE
0
0
0
1
0
2
RDSCLK
clock of RDS/RBDS
0
0
1
0
0
4
CONTROL
control of supply and AF update
0
0
1
0
1
5
CSALIGN
alignment of stereo channel separation
0
0
1
1
0
6
MULTIPATH
control of weak signal sensitivity and timing
0
0
1
1
1
7
SNC
alignment of SNC start and slope
0
1
0
0
0
8
HIGHCUT
alignment of HCC start and slope
0
1
0
0
1
9
SOFTMUTE
alignment soft mute start and slope
0
1
0
1
0
A
RADIO
control of radio functions
0
1
0
1
1
B
INPUT/ASI
input selector and ASI settings
0
1
1
0
0
C
LOUDNESS
loudness control
0
1
1
0
1
D
VOLUME
volume control
0
1
1
1
0
E
TREBLE
treble control




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTI store
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl