データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TEF6890H データシート(Datasheet) 29 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

 29 page
background image
2003 Oct 21
29
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
Table 22 FM stereo channel separation and adjustment
11.2.4
SUBADDRESS 6H; MULTIPATH
Table 23 Format of data byte 6H with default setting
Table 24 Description of data byte 6H
Table 25 Setting of the time constants of the LEVEL detector
Table 26 Setting of the time constants of the MPH detector (level, WAM and USN)
CSA3
CSA2
CSA1
CSA0
FM STEREO CHANNEL SEPARATION AND
ADJUSTMENT (dB)
0000
0
0001
0.2
::::
:
1110
2.8
1111
3.0
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
USS1
USS0
WAS1
WAS0
LET1
LET0
MPT1
MPT0
01010000
BIT
SYMBOL
DESCRIPTION
7 and 6
USS[1:0]
USN sensitivity for weak signal processing. See Fig.5.
5 and 4
WAS[1:0]
WAM sensitivity for weak signal processing. See Fig.6.
3 and 2
LET[1:0]
LEVEL detector time constant. See Table 25.
1 and 0
MPT[1:0]
MPH detector time constants (level, WAM and USN). See Table 26.
LETF
LET1
LET0
tLEVEL (s)
ATTACK
DECAY
000
3
3
001
3
6
0
1
0
1.5
1.5
0
1
1
0.5
1.5
1
0
0
0.5
0.5
1
0
1
0.17
0.5
1
1
0
0.06
0.17
1
1
1
0.06
0.06
MPT1
MPT0
tMPH (s)
ATTACK
DECAY
0
0
0.5
12
0
1
0.5
24
1
0
0.5
6
1
1
0.25
6




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl