データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1017-2.85VCT データシート(PDF) 11 Page - Microchip Technology

部品番号 TC1017-2.85VCT
部品情報  150 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017-2.85VCT データシート(HTML) 11 Page - Microchip Technology

Back Button TC1017-2.85VCT Datasheet HTML 7Page - Microchip Technology TC1017-2.85VCT Datasheet HTML 8Page - Microchip Technology TC1017-2.85VCT Datasheet HTML 9Page - Microchip Technology TC1017-2.85VCT Datasheet HTML 10Page - Microchip Technology TC1017-2.85VCT Datasheet HTML 11Page - Microchip Technology TC1017-2.85VCT Datasheet HTML 12Page - Microchip Technology TC1017-2.85VCT Datasheet HTML 13Page - Microchip Technology TC1017-2.85VCT Datasheet HTML 14Page - Microchip Technology TC1017-2.85VCT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2003 Microchip Technology Inc.
DS21813B-page 11
TC1017
4.1
Input Capacitor
Low input source impedance is necessary for the LDO
to operate properly. When operating from batteries, or
in applications with long lead length (> 10") between
the input source and the LDO, some input capacitance
is required. A minimum of 0.1 µF is recommended for
most applications and the capacitor should be placed
as close to the input of the LDO as is practical. Larger
input capacitors will help reduce the input impedance
and further reduce any high-frequency noise on the
input and output of the LDO.
4.2
Output Capacitor
A minimum output capacitance of 1 µF for the TC1017
is required for stability. The equivalent series resis-
tance (ESR) requirements on the output capacitor are
between 0 and 2 ohms. The output capacitor should be
located as close to the LDO output as is practical.
Ceramic materials X7R and X5R have low temperature
coefficients and are well within the acceptable ESR
range required. A typical 1 µF X5R 0805 capacitor has
an ESR of 50 milli-ohms. Larger output capacitors can
be used with the TC1017 to improve dynamic behavior
and input ripple-rejection performance.
Ceramic, aluminum electrolytic or tantalum capacitor
types can be used. Since many aluminum electrolytic
capacitors freeze at approximately –30
°C, ceramic or
solid tantalums are recommended for applications
operating below –25
°C. When operating from sources
other than batteries, supply-noise rejection and
transient response can be improved by increasing the
value of the input and output capacitors and employing
passive filtering techniques.
4.3
Turn-On Response
The turn-on response is defined as two separate
response categories, wake-up time (tWK) and settling
time (tS).
The TC1017 has a fast wake-up time (10 µsec, typical)
when released from shutdown. See Figure 4-3 for the
wake-up time designated as tWK. The wake-up time is
defined as the time it takes for the output to rise to 2%
of the VOUT value after being released from shutdown.
The total turn-on response is defined as the settling
time (t
S) (see Figure 4-3). Settling time (inclusive with
tWK) is defined as the condition when the output is
within 98% of its fully-enabled value (32 µsec, typical)
when released from shutdown. The settling time of the
output voltage is dependent on load conditions and
output capacitance on VOUT (RC response).
The table below demonstrates the typical turn-on
response timing for different input voltage power-up
frequencies: VOUT = 2.85V, VIN = 5.0V, IOUT = 60 mA
and COUT = 1 µF.
FIGURE 4-3:
Wake-Up Time from Shutdown.
Frequency
Typical (tWK)
Typical (tS)
1000 Hz
5.3 µsec
14 µsec
500 Hz
5.9 µsec
16 µsec
100 Hz
9.8 µsec
32 µsec
50 Hz
14.5 µsec
52 µsec
10 Hz
17.2 µsec
77 µsec
VIH
tS
tWK
VOUT
98%
2%
VIL
SHDN


同様の部品番号 - TC1017-2.85VCT

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1017-2.85VCT MICROCHIP-TC1017-2.85VCT Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results

同様の説明 - TC1017-2.85VCT

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-5002I MICROCHIP-MCP1804T-5002I Datasheet
545Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
03/26/09
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com