データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SX061 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SX061
部品情報  1 Mbit/s DQPSK/DBPSK Digital Demodulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SX061 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SX061 Datasheet HTML 1Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 2Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 3Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 4Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 5Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 6Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 7Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 8Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
WavePlex
Digital Demodulator
User’s Manual
SX061
1 Mbit/s DQPSK/DBPSK
General Description
The SX061 is a digital demodulator, specially developed to work together with the AMI SX043 Spread Spectrum
baseband processor. This 24 pin integrated circuit replaces many analogue components needed to work with the
SX043 or SX042. This chip is only needed on the receiving radio unit (FIGURE 1). The transmitting radio unit needs
no special requirements to generate the DQPSK or DBPSK signal other than the output of an SX041 or an SX043.
Figure 1: Typical SS DS Receiver Using SX043 & SX061
Features
• Up to 1 Mbit/s (D)QPSK demodulation
• Up to 500kbit/s (D)BPSK demodulation
• RSSI output for SX042/043 code tracking and
synchronization
• Fully programmable using serial interface of SX042/043
• Low power consumption
• Power Down mode
• SOIC 24 package
Spread Spectrum Applications
• Wireless Local Area Networks
• Portable wireless communication
• Digital cellular telephone systems
• Wireless ISDN modems
• Other wireless systems


同様の部品番号 - SX061

メーカー部品番号データシート部品情報
logo
Honeywell Solid State E...
SX01ALP HONEYWELL-SX01ALP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX01ALP HONEYWELL-SX01ALP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX01ALP HONEYWELL-SX01ALP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX01AP HONEYWELL-SX01AP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX01AP HONEYWELL-SX01AP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results

同様の説明 - SX061

メーカー部品番号データシート部品情報
logo
AMI SEMICONDUCTOR
AMIS-50051 AMI-AMIS-50051 Datasheet
239Kb / 7P
   Digital Demodulator
logo
Silicon Laboratories
SI2166-D60 SILABS-SI2166-D60 Datasheet
64Kb / 2P
   DVB-S/S2/S2X Digital TV Demodulator
SI21662-B22 SILABS-SI21662-B22 Datasheet
164Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21662-B22 SKYWORKS-SI21662-B22 Datasheet
149Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
August 11, 2021
logo
Silicon Laboratories
SI21662-D60 SILABS-SI21662-D60 Datasheet
64Kb / 2P
   Dual DVB-S/S2/S2X Digital TV Demodulator
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
   Digital QPSK Demodulator
HSP50306 INTERSIL-HSP50306_04 Datasheet
161Kb / 8P
   Digital QPSK Demodulator
logo
Skyworks Solutions Inc.
SI21672-B22 SKYWORKS-SI21672-B22 Datasheet
153Kb / 3P
   Dual DVB-T/C/S/S2 Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI21672-B22 SILABS-SI21672-B22 Datasheet
166Kb / 2P
   Dual DVB-T/C/S/S2 Digital TV Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com