データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


BT139 データシート(Datasheet) 1 Page - NXP Semiconductors

部品番号. BT139
部品情報  Triacs
ダウンロード  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

   
 1 page
background image
Philips Semiconductors
Product specification
Triacs
BT139 series
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated triacs in a plastic
SYMBOL
PARAMETER
MAX.
MAX.
MAX. UNIT
envelope,
intended
for
use
in
applications
requiring
high
BT139-
500
600
800
bidirectional transient and blocking
BT139-
500F
600F
800F
voltage capability and high thermal
BT139-
500G
600G
800G
cycling
performance.
Typical
V
DRM
Repetitive peak off-state
500
600
800
V
applications include motor control,
voltages
industrial
and
domestic
lighting,
I
T(RMS)
RMS on-state current
16
16
16
A
heating and static switching.
I
TSM
Non-repetitive peak on-state
140
140
140
A
current
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
main terminal 1
2
main terminal 2
3
gate
tab
main terminal 2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-500
-600
-800
V
DRM
Repetitive peak off-state
-
500
1
600
1
800
V
voltages
I
T(RMS)
RMS on-state current
full sine wave; T
mb ≤ 99 ˚C
-
16
A
I
TSM
Non-repetitive peak
full sine wave; T
j = 25 ˚C prior to
on-state current
surge
t = 20 ms
-
140
A
t = 16.7 ms
-
150
A
I
2tI2t for fusing
t = 10 ms
-
98
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 20 A; IG = 0.2 A;
on-state current after
dI
G/dt = 0.2 A/µs
triggering
T2+ G+
-
50
A/
µs
T2+ G-
-
50
A/
µs
T2- G-
-
50
A/
µs
T2- G+
-
10
A/
µs
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.5
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
T1
T2
G
12 3
tab
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 15 A/
µs.
September 1997
1
Rev 1.200




Html ページ

1  2  3  4  5  6 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MAC9DTRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS 1 2 3 4 Motorola, Inc
BT134WTriacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
BT137BTriacs logic level 1 2 3 4 5 MoreNXP Semiconductors
BT138XTriacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
BTA208BThree quadrant triacs guaranteed commutation 1 2 3 4 NXP Semiconductors
BTA212Three quadrant triacs high commutation 1 2 3 4 NXP Semiconductors
BTA216XThree quadrant triacs guaranteed commutation 1 2 3 4 5 NXP Semiconductors
TICP206SILICON TRIACS 1 2 3 4 5 MorePower Innovations Ltd
BTA41ASTANDARD TRIACS 1 2 3 4 5 STMicroelectronics
T1235H12A TRIACS 1 2 3 4 5 MoreSTMicroelectronics

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl