データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM239DG データシート(PDF) 5 Page - ON Semiconductor

部品番号 LM239DG
部品情報  Single Supply Quad Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM239DG データシート(HTML) 5 Page - ON Semiconductor

  LM239DG Datasheet HTML 1Page - ON Semiconductor LM239DG Datasheet HTML 2Page - ON Semiconductor LM239DG Datasheet HTML 3Page - ON Semiconductor LM239DG Datasheet HTML 4Page - ON Semiconductor LM239DG Datasheet HTML 5Page - ON Semiconductor LM239DG Datasheet HTML 6Page - ON Semiconductor LM239DG Datasheet HTML 7Page - ON Semiconductor LM239DG Datasheet HTML 8Page - ON Semiconductor LM239DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
http://onsemi.com
5
Figure 4. Normalized Input Offset Voltage
Figure 5. Input Bias Current
Figure 6. Output Sink Current versus
Output Saturation Voltage
Typical Characteristics
(VCC = 15 Vdc, TA = +25°C (each comparator) unless otherwise noted.)
TA, AMBIENT TEMPERATURE (°C)
VCC, POWER SUPPLY VOLTAGE (Vdc)
Vsat, OUTPUT SATURATION VOLTAGE (mV)
1.40
1.20
1.00
0.80
0.60
−50
−25
0
25
50
75
100
125
48
42
36
30
24
18
12
6.0
0
0
4.0
8.0
12
16
20
24
28
32
TA = −55° C
TA = +25° C
TA = +125°C
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
100
200
300
400
500
TA = +25° C
TA = −55° C
TA = +125°C
0
Figure 7. Driving Logic
Figure 8. Squarewave Oscillator
Logic
Device
VCC
(V)
RL
k
W
CMOS
TTL
1/4 MC14001
1/4 MC7400
+15
+5.0
100
10
RS = Source Resistance
R1
] RS
T1 = T2 = 0.69 RC
f
[
7.2
C(
mF)
R2 = R3 = R4
R1
[ R2 // R3 // R4
+
+
VCC
Vin
Vref
VCC ≥ 4.0 V
VCC
+
C
330 k
R4
330 k
R3
R1
100 k
10 k
R1
T1
T2
VCC
VO
RS
RL
R2
330 k


同様の部品番号 - LM239DG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM239DG ONSEMI-LM239DG Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
LM239DG ONSEMI-LM239DG Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
LM239DG ONSEMI-LM239DG Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
logo
Texas Instruments
LM239DG4 TI1-LM239DG4 Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM239DG4 TI-LM239DG4 Datasheet
2Mb / 51P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED OCTOBER 2023
More results

同様の説明 - LM239DG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com