データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM10DA151JO3-RHTR02 データシート(PDF) 11 Page - Sharma Electro Components,Inc

部品番号 DM10DA151JO3-RHTR02
部品情報  MICA CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARMA [Sharma Electro Components,Inc]
ホームページ  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM10DA151JO3-RHTR02 データシート(HTML) 11 Page - Sharma Electro Components,Inc

Back Button DM10DA151JO3-RHTR02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 13Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 14Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 15Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
11.43
9.14
4.32
20 - 68
E
11.43
9.14
4.32
75 - 82
E
11.43
9.14
4.57
91 - 100
F
11.68
9.14
4.57
110 - 130
F
11.68
9.40
4.57
150 - 180
F
11.68
9.40
4.83
200
F
11.68
9.65
4.83
220 - 240
F
11.68
9.65
5.08
270 - 390
F
11.94
9.91
5.33
430
F
11.94
9.91
5.33
11.68
9.65
5.08
470 - 510
F
11.94
10.16
5.59
11.68
9.65
5.08
560 - 620
F
12.19
10.41
5.84
11.68
9.65
5.08
680
F
12.45
10.67
6.10
11.94
9.91
5.33
750
F
12.70
10.92
6.35
11.94
9.91
5.33
820
F
11.94
9.91
5.33
11.94
9.91
5.33
910
F
11.94
10.16
5.59
11.94
10.16
5.59
1,000
F
12.19
10.16
5.84
12.19
10.16
5.84
1,100
F
12.45
10.67
6.10
12.19
10.16
5.84
1,200 - 2,000
F
12.70
10.92
6.35
12.45
10.67
6.10
2,200 - 2,500*
F
12.45
10.67
6.10
DM 15 / CM05 Mica Capacitors
* Available only in 50 V rating.
Note: Bold Outlined Sections indicate
SHARMA Standard items.
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
0.450
0.360
0.170
20 - 68
E
0.450
0.360
0.170
75 - 82
E
0.450
0.360
0.180
91 - 100
F
0.460
0.360
0.180
110 - 130
F
0.460
0.370
0.180
150 - 180
F
0.460
0.370
0.190
200
F
0.460
0.380
0.190
220 - 240
F
0.460
0.380
0.200
270 - 390
F
0.470
0.390
0.210
430
F
0.470
0.390
0.210
0.460
0.380
0.200
470 - 510
F
0.470
0.400
0.220
0.460
0.380
0.200
560 - 620
F
0.480
0.410
0.230
0.460
0.380
0.200
680
F
0.490
0.420
0.240
0.470
0.390
0.210
750
F
0.500
0.430
0.250
0.470
0.390
0.210
820
F
0.470
0.390
0.210
0.470
0.390
0.210
910
F
0.470
0.400
0.220
0.470
0.400
0.220
1,000
F
0.480
0.400
0.230
0.480
0.400
0.230
1,100
F
0.490
0.420
0.240
0.480
0.400
0.230
1,200 - 2,000
F
0.500
0.430
0.250
0.490
0.420
0.240
2,200 - 2,500*
F
0.490
0.420
0.240
DM15
CM05
Case
Dimensions
in Millimeters
Lead Spacing:
5.95 ± 0.8mm
DM15
CM05
Case
Dimensions
in Inches
Lead Spacing:
0.234 ± 0.031
DIMENSIONS:
LL = 31.75 mm (1.25”) min.
Sharma Mica Capacitors
Page 11
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


同様の部品番号 - DM10DA151JO3-RHTR02

メーカー部品番号データシート部品情報
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
logo
Pepperl+Fuchs Inc.
DM10-10NDFEB PF-DM10-10NDFEB Datasheet
341Kb / 2P
   Magnet
logo
Extech Instruments Corp...
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
logo
Power-One
DM1001-7R POWER-ONE-DM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
More results

同様の説明 - DM10DA151JO3-RHTR02

メーカー部品番号データシート部品情報
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com