データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA22-100MD0016 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 TA22-100MD0016
部品情報  Single Value Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA22-100MD0016 データシート(HTML) 2 Page - Vishay Siliconix

  TA22-100MD0016 Datasheet HTML 1Page - Vishay Siliconix TA22-100MD0016 Datasheet HTML 2Page - Vishay Siliconix TA22-100MD0016 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UMA 0204, UMB 0207
www.vishay.com
Vishay Beyschlag
Revision: 27-Mar-14
2
Document Number: 28715
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow
support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is
not exceeded. Furthermore a high level of ambient temperature or of power dissipation may raise the temperature of the solder
joint, hence special solder alloys or board materials may be required to maintain the reliability of the assembly.
These resistors do not feature a lifetime limitation when operated within the limits of rated dissipation, permissible operating
voltage and permissible film temperature. However, the resistance typically increases due to the resistor’s film temperature over
operating time, generally known as drift. The drift may exceed the stability requirements of an individual application circuit and
thereby limits the functional lifetime.
Notes
• TCR 10 ppm/K and TCR 05 ppm/K is specified over the temperature range from -10 °C to +85 °C.
• UMA 0204: Approval to EN 140401-803, “Version A” is achieved for TCR 10 ppm/K with 0.25 % and 0.1 %.
MAXIMUM RESISTANCE AT RATED DISSIPATION
Operation mode
Precision
Standard
Rated dissipation, P70
UMA 0204
0.07 W
0.25 W
UMB 0207
0.11 W
0.4 W
Applied maximum film temperature,
F max.
85 °C
125 °C
Max. resistance change at rated dissipation
|
R/R max.|, after:
1000 h
 0.02 %
 0.05 %
8000 h
 0.05 %
 0.1 %
225 000 h
 0.15 %
 0.3 %
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TCR
TOLERANCE
RESISTANCE RANGE
E-SERIES
UMA 0204
± 15 ppm/K
±
0.05 %
47
 to 332 k
E192
± 10 ppm/K
±
0.25 %
22
 to 332 k
±
0.1 %
43
 to 332 k
± 0.05 %
75
 to 221 k
± 5 ppm/K
±
0.25 %
33
 to 221 k
±
0.1 %
56
 to 221 k
± 0.05 %
75
 to 150 k
± 0.02 %
75
 to 100 k
UMB 0207
± 15 ppm/K
±
0.05 %
100
 to 390 k
± 10 ppm/K
±
0.25 %
100
 to 390 k
±
0.1 %
100
 to 390 k
± 0.05 %
100
 to 390 k
± 5 ppm/K
±
0.25 %
270
 to 390 k
±
0.1 %
270
 to 390 k
± 0.05 %
270
 to 390 k
± 0.02 %
270
 to 390 k


同様の部品番号 - TA22-100MD0016

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TA22-100MD0016 VISHAY-TA22-100MD0016 Datasheet
89Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
More results

同様の説明 - TA22-100MD0016

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
RSK22N VISHAY-RSK22N Datasheet
85Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
CS22 VISHAY-CS22 Datasheet
84Kb / 3P
   Single Value Chip Resistor
Revision: 21-Nov-13
TA22 VISHAY-TA22_08 Datasheet
89Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
   Precision Wirebondable Single Value Thin Film Chip Resistor
Revision: 11-Nov-15
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
   Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
   Low Value Flat Chip Resistor
logo
Panasonic Semiconductor
ERJM1W PANASONIC-ERJM1W Datasheet
148Kb / 11P
   Low Resistance Value Chip Resistor
logo
TT Electronics.
LRC-LR1206LF-01 TTELEC-LRC-LR1206LF-01 Datasheet
571Kb / 2P
   Low Value Flat Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
   Low Value Flat Chip Resistor
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
   Low Value Flat Chip Resistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com