データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT76C111 データシート(PDF) 2 Page - ATMEL Corporation

部品番号 AT76C111
部品情報  High-Performance Digital Camera Processor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C111 データシート(HTML) 2 Page - ATMEL Corporation

  AT76C111 Datasheet HTML 1Page - ATMEL Corporation AT76C111 Datasheet HTML 2Page - ATMEL Corporation AT76C111 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AT76C111
2334AS–IMAGE–08/02
Description
The AT76C111 is a highly-integrated solution for digital cameras. It combines a number
of functions that are required in digital cameras.
Image data acquisition and capturing from either CCD or CMOS imagers
Image display
Image processing and image storing
Overall camera management
Control of general-purpose I/O functions
Data communication
Control of user functions
On-screen Display
It also provides a large number of interfaces that allow camera manufacturers to directly
access a variety of devices that may be present in a digital camera.
Communication with PCs
Communication with Flash cards
Serial communication ports for controlling other devices in the camera
The design is based on an ARM® microprocessor that controls the entire chip. A number
of hardware resources, controlled by ARM, perform digital camera functions such as
image DSP processing, JPEG coding/decoding, DMA access to SDRAM and Video
encoding. All these computational-intensive functions are implemented in hardware
which can be programmed according to user specifications, thus allowing ARM to be
free for other user-defined functions.
Capabilities
Supports up to 16 megapixel CCDs/CMOS (10 - 30 MHz CCDs)
CCD colors are limited to the Bayer arrangements of the RGB primary colors
Interfaces to 16 - 256-Mbit SDRAM, one or two pieces
30 frames/sec Video Display mode (NTSC)
15 frames/sec Capture mode (VGA resolution)
Up to 1.5M bytes/sec read/write from/to Flash cards
2M Bytes external Flash ROM for program space
2M Bytes external SRAM for program/working space (optional)
Full-speed USB interface (mass storage and image class)
60 - 100 mA current
1 - 5 mA in Standby mode
50 µA current in Sleep mode


同様の部品番号 - AT76C111

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT76C110 ATMEL-AT76C110 Datasheet
51Kb / 3P
   High- Performance Digital Camera Processor
AT76C112 ATMEL-AT76C112 Datasheet
48Kb / 3P
   High Performance Digital Camera Processor
AT76C113 ATMEL-AT76C113 Datasheet
35Kb / 4P
   High- Performance Digital Camera Processor
AT76C113-H ATMEL-AT76C113-H Datasheet
35Kb / 4P
   High- Performance Digital Camera Processor
AT76C113-HU ATMEL-AT76C113-HU Datasheet
35Kb / 4P
   High- Performance Digital Camera Processor
More results

同様の説明 - AT76C111

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT76C112 ATMEL-AT76C112 Datasheet
48Kb / 3P
   High Performance Digital Camera Processor
AT76C110 ATMEL-AT76C110 Datasheet
51Kb / 3P
   High- Performance Digital Camera Processor
AT76C113 ATMEL-AT76C113 Datasheet
35Kb / 4P
   High- Performance Digital Camera Processor
logo
List of Unclassifed Man...
IS-5114I ETC2-IS-5114I Datasheet
251Kb / 17P
   High-Performance Digital/Video Camera Processor
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
   DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
   Digital Camera Processor
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
Zoran Corporation
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
   Digital Camera Processor
ZR36460 ZORAN-ZR36460 Datasheet
94Kb / 2P
   Digital Camera Processor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com