データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HAT2114R データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 HAT2114R
部品情報  Silicon N Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2114R データシート(HTML) 3 Page - Renesas Technology Corp

  HAT2114R Datasheet HTML 1Page - Renesas Technology Corp HAT2114R Datasheet HTML 2Page - Renesas Technology Corp HAT2114R Datasheet HTML 3Page - Renesas Technology Corp HAT2114R Datasheet HTML 4Page - Renesas Technology Corp HAT2114R Datasheet HTML 5Page - Renesas Technology Corp HAT2114R Datasheet HTML 6Page - Renesas Technology Corp HAT2114R Datasheet HTML 7Page - Renesas Technology Corp HAT2114R Datasheet HTML 8Page - Renesas Technology Corp HAT2114R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HAT2114R, HAT2114RJ
Rev.1.00, Oct.06.2003, page 3 of 9
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V(BR)DSS
60
V
ID = 10 mA, VGS = 0
Gate to Source breakdown voltage V(BR)GSS ±20
V
IG = ±100
µA, VDS = 0
Zero gate voltage drain current
IDSS
——1
µAVDS = 60 V, VGS = 0
Zero gate voltage
HAT2114R
IDSS
———
µAVDS = 48 V, VGS = 0
drain current
HAT2114RJ IDSS
——10
µA
Ta = 125
°C
Gate to source leak current
IGSS
——±10
µAVGS = ±16 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
1.5
2.5
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|6
9.5
S
ID = 3 A
Note5, V
DS = 10 V
Static drain to source on state
RDS(on)
—28
32
m
ID = 3 A
Note5, V
GS = 10 V
resistance
RDS(on)
—40
50
m
ID = 3 A
Note5, V
GS = 4.5 V
Input capacitance
Ciss
1000
pF
VDS = 10V, VGS = 0
Output capacitance
Coss
145
pF
f = 1 MHz
Reverse transfer capacitance
Crss
85
pF
Total gate charge
Qg
15
nC
VDD = 25 V
Gate to source charge
Qgs
2
nC
VGS = 10 V
Gate to drain charge
Qgd
3
nC
ID = 6A
Turn-on delay time
td(on)
12
ns
VGS = 10 V, ID= 3 A
Rise time
tr
10
ns
VDD
≅ 30 V
Turn-off delay time
td(off)
60
ns
RL = 10
Fall time
tf
11
ns
RG =4.7
Body-drain diode forward voltage
VDF
0.82
1.07
V
IF = 6 A, VGS = 0
Note5
Body-drain diode reverse recovery
time
trr
40
ns
IF = 6A, VGS = 0
diF/dt = 100 A/µs
Notes: 5. Pulse test


同様の部品番号 - HAT2114R

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HAT2114R RENESAS-HAT2114R_15 Datasheet
133Kb / 12P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

同様の説明 - HAT2114R

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com