データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA212X データシート(PDF) 1 Page - NXP Semiconductors

部品番号 BTA212X
部品情報  Three quadrant triacs guaranteed commutation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA212X データシート(HTML) 1 Page - NXP Semiconductors

  BTA212X Datasheet HTML 1Page - NXP Semiconductors BTA212X Datasheet HTML 2Page - NXP Semiconductors BTA212X Datasheet HTML 3Page - NXP Semiconductors BTA212X Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Philips Semiconductors
Preliminary specification
Three quadrant triacs
BTA212X series C
high commutation
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated high commutation
SYMBOL
PARAMETER
MAX.
MAX.
MAX. UNIT
triacs in a full pack, plastic envelope
intended for use in circuits where high
BTA212X-
500C
600C
800C
static and dynamic dV/dt and high
V
DRM
Repetitive peak off-state
500
600
800
V
dI/dt can occur. These devices will
voltages
commutate the full rated rms current
I
T(RMS)
RMS on-state current
12
12
12
A
at
the
maximum
rated
junction
I
TSM
Non-repetitive peak on-state
95
95
95
A
temperature, without the aid of a
current
snubber.
PINNING - SOT186A
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
main terminal 1
2
main terminal 2
3
gate
case
isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-500
-600
-800
V
DRM
Repetitive peak off-state
-
500
1
600
1
800
V
voltages
I
T(RMS)
RMS on-state current
full sine wave;
-
12
A
T
hs ≤ 56 ˚C
I
TSM
Non-repetitive peak
full sine wave;
on-state current
T
j = 25 ˚C prior to
surge
t = 20 ms
-
95
A
t = 16.7 ms
-
105
A
I
2tI2t for fusing
t = 10 ms
-
45
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 20 A; IG = 0.2 A;
100
A/
µs
on-state current after
dI
G/dt = 0.2 A/µs
triggering
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms
-
0.5
W
period
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
T1
T2
G
12 3
case
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 15 A/
µs.
October 1997
1
Rev 1.000


同様の部品番号 - BTA212X

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA212X PHILIPS-BTA212X Datasheet
21Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212X PHILIPS-BTA212X Datasheet
50Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
logo
WeEn Semiconductors
BTA212X WEEN-BTA212X Datasheet
617Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA212X-500B PHILIPS-BTA212X-500B Datasheet
50Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
More results

同様の説明 - BTA212X

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com