データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


BTA216 データシート(Datasheet) 1 Page - NXP Semiconductors

部品番号. BTA216
部品情報  Three quadrant triacs guaranteed commutation
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

   
 1 page
background image
Philips Semiconductors
Objective specification
Three quadrant triacs
BTA216 series D, E and F
guaranteed commutation
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Passivated
guaranteed
commutation
SYMBOL
PARAMETER
MAX.
MAX.
UNIT
triacs in a plastic envelope intended for
use in motor control circuits or with other
BTA216-
600D
-
highly inductive loads. These devices
BTA216-
600E
800E
balance the requirements of commutation
BTA216-
600F
800F
performance and gate sensitivity. The
V
DRM
Repetitive peak off-state
600
800
V
"sensitive gate" E series and "logic level"
voltages
D series are intended for interfacing with
I
T(RMS)
RMS on-state current
16
16
A
low
power
drivers,
including
micro
I
TSM
Non-repetitive peak on-state
140
140
A
controllers.
current
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
main terminal 1
2
main terminal 2
3
gate
tab
main terminal 2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-600
-800
V
DRM
Repetitive peak off-state
-
600
1
800
V
voltages
I
T(RMS)
RMS on-state current
full sine wave;
-
16
A
T
mb ≤ 99 ˚C
I
TSM
Non-repetitive peak
full sine wave;
on-state current
T
j = 25 ˚C prior to
surge
t = 20 ms
-
140
A
t = 16.7 ms
-
150
A
I
2tI2t for fusing
t = 10 ms
-
98
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 20 A; IG = 0.2 A;
-
100
A/
µs
on-state current after
dI
G/dt = 0.2 A/µs
triggering
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms
-
0.5
W
period
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
T1
T2
G
12 3
tab
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 15 A/
µs.
October 1999
1
Rev 1.100




Html ページ

1  2  3  4 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
BTA212XThree quadrant triacs guaranteed commutation 1 2 3 4 NXP Semiconductors
BTA208SThree quadrant triacs guaranteed commutation 1 2 3 4 NXP Semiconductors
BTA208XThree quadrant triacs guaranteed commutation 1 2 3 4 5 MoreNXP Semiconductors
BTA216BThree quadrant triacs guaranteed commutation 1 2 3 4 5 MoreNXP Semiconductors
BTA208XThree quadrant triacs guaranteed commutation 1 2 3 4 5 MoreNXP Semiconductors
BTA216Three quadrant triacs guaranteed commutation 1 2 3 4 NXP Semiconductors
BTA204Three quadrant triacs guaranteed commutation 1 2 3 4 5 MoreNXP Semiconductors
BTA216XThree quadrant triacs guaranteed commutation 1 2 3 4 5 NXP Semiconductors
BTA208Three quadrant triacs guaranteed commutation 1 2 3 4 NXP Semiconductors
BTA212BThree quadrant triacs guaranteed commutation 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl