データシートサーチシステム |
|
ISP1016E データシート(PDF) 1 Page - Lattice Semiconductor |
|
ISP1016E データシート(HTML) 1 Page - Lattice Semiconductor |
1 / 15 page Features • HIGH-DENSITY PROGRAMMABLE LOGIC — 2000 PLD Gates — 32 I/O Pins, Four Dedicated Inputs — 96 Registers — High-Speed Global Interconnect — Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc. — Small Logic Block Size for Random Logic • HIGH-PERFORMANCE E2CMOS® TECHNOLOGY — fmax = 125 MHz Maximum Operating Frequency — tpd = 7.5 ns Propagation Delay — TTL Compatible Inputs and Outputs — Electrically Erasable and Reprogrammable — Non-Volatile — 100% Tested at Time of Manufacture — Unused Product Term Shutdown Saves Power • ispLSI OFFERS THE FOLLOWING ADDED FEATURES — In-System Programmable™ (ISP™) 5-Volt Only — Increased Manufacturing Yields, Reduced Time-to- Market and Improved Product Quality — Reprogram Soldered Device for Faster Prototyping • OFFERS THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS — Complete Programmable Device Can Combine Glue Logic and Structured Designs — Enhanced Pin Locking Capability — Three Dedicated Clock Input Pins — Synchronous and Asynchronous Clocks — Programmable Output Slew Rate Control to Minimize Switching Noise — Flexible Pin Placement — Optimized Global Routing Pool Provides Global Interconnectivity • pLSI/ispLSI DEVELOPMENT TOOLS pDS ® Software — Easy to Use PC Windows™ Interface — Boolean Logic Compiler — Manual Partitioning — Automatic Place and Route — Static Timing Table ispDS+™ Software — Industry Standard, Third-Party Design Environments — Schematic Capture, State Machine, HDL — Automatic Partitioning and Place and Route — Comprehensive Logic and Timing Simulation — PC and Workstation Platforms Functional Block Diagram CLK A0 A1 A2 A3 A4 A5 A6 A7 B7 B6 B5 B4 B3 B2 B1 B0 Global Routing Pool (GRP) Logic Array DQ DQ DQ DQ GLB 0139C1-isp Description The ispLSI and pLSI 1016E are High-Density Programmable Logic Devices containing 96 Registers, 32 Universal I/O pins, four Dedicated Input pins, three Dedicated Clock Input pins, one Global OE input pin and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 1016E features 5-Volt in-system programming and in-system diagnostic capabilities. The ispLSI 1016E offers non-volatile “on-the-fly” reprogrammability of the logic, as well as the interconnect to provide truly reconfigurable systems. It is architecturally and parametrically compatible to the pLSI 1016E device, but multiplexes four input pins to control in-system programming. A functional superset of the ispLSI and pLSI 1016 architecture, the ispLSI and pLSI 1016E devices add a new global output enable pin. The basic unit of logic on the ispLSI and pLSI 1016E devices is the Generic Logic Block (GLB). The GLBs are labeled A0, A1...B7 (see figure 1). There are a total of 16 GLBs in the ispLSI and pLSI 1016E devices. Each GLB has 18 inputs, a programmable AND/OR/Exclusive OR array, and four outputs which can be configured to be either combinatorial or registered. Inputs to the GLB come from the GRP and dedicated inputs. All of the GLB outputs are brought back into the GRP so that they can be connected to the inputs of any other GLB on the device. ispLSI® and pLSI® 1016E High-Density Programmable Logic 1016E_04 Copyright © 1997 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice. LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A. Tel. (503) 681-0118; 1-800-LATTICE; FAX (503) 681-3037; http://www.latticesemi.com February 1997 1996 ISP Encyclopedia |
同様の部品番号 - ISP1016E |
|
同様の説明 - ISP1016E |