データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12018D データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC12018D
部品情報  520MHz Dual Modulus Prescaler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12018D データシート(HTML) 1 Page - Motorola, Inc

  MC12018D Datasheet HTML 1Page - Motorola, Inc MC12018D Datasheet HTML 2Page - Motorola, Inc MC12018D Datasheet HTML 3Page - Motorola, Inc MC12018D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Device
Operating
Temperature Range
Package
MC12018
SEMICONDUCTOR
TECHNICAL DATA
MECL PLL COMPONENTS
÷128/129 DUAL MODULUS
PRESCALER
ORDERING INFORMATION
MC12018D
MC12018P
TA = – 40° to +85°C
SO–8
Plastic
P SUFFIX
PLASTIC PACKAGE
CASE 626
PIN CONNECTIONS
Order this document by MC12018/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
1
8
VCC
(Top View)
8
IN
NE
PE
Gnd
Vreg
SGnd
SIN
7
6
5
1
2
3
4
520 MHz Dual Modulus Prescaler
The MC12018 is a dual modulus prescaler which divides by 128 and 129.
An internal regulator is provided to allow this device to be used over a wide
range of power supply voltages. The devices may be operated by applying a
supply voltage of 5.0 Vdc
±10% at Pin 7, or by applying an unregulated
voltage source from 5.5 Vdc to 9.5 Vdc to Pin 8.
520 MHz Toggle Frequency
Low–Power 8.0 mA Typical
Control Input Is Compatible With Standard CMOS and TTL
Supply Voltage 4.5 V to 9.5 V
On–Chip 10 kΩ Resistor from Positive Edge to Ground
8
SIMPLIFIED BLOCK DIAGRAM
0.1
µF
VCC
Voltage
Regulator
÷N / N+1
7
0.1
µF
Vreg
4
Gnd
6
0.001
µF
Signal
Gnd
5
0.001
µF
Signal
Input
2
3 POS
Edge
NEG
Edge
Control
Input
1
1. Vreg at Pin 7 is not guaranteed to be between 4.5 and
5.5 V when VCC is being applied to Pin 8
2. Pin 7 is not to be used as a source of regulated output
voltage
3. 10 k
Ω pulldown recommended with negative edge
output (Pin 2)
10 k
© Motorola, Inc. 1997
Rev 2


同様の部品番号 - MC12018D

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC1201 MOTOROLA-MC1201 Datasheet
192Kb / 4P
   6-INPUT GATES
MC12011 MOTOROLA-MC12011 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
MC12011D LANSDALE-MC12011D Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
MC12011D LANSDALE-MC12011D Datasheet
246Kb / 14P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12011P MOTOROLA-MC12011P Datasheet
214Kb / 15P
   Dual Modulus Prescaler
More results

同様の説明 - MC12018D

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
   Dual Modulus Prescaler
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
   Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com